Electronic Components Datasheet Search
  English  ▼

X  

S-8244 Datasheet(PDF) 24 Page - ABLIC Inc.

Part # S-8244
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8244 Datasheet(HTML) 24 Page - ABLIC Inc.

Back Button S-8244 Datasheet HTML 20Page - ABLIC Inc. S-8244 Datasheet HTML 21Page - ABLIC Inc. S-8244 Datasheet HTML 22Page - ABLIC Inc. S-8244 Datasheet HTML 23Page - ABLIC Inc. S-8244 Datasheet HTML 24Page - ABLIC Inc. S-8244 Datasheet HTML 25Page - ABLIC Inc. S-8244 Datasheet HTML 26Page - ABLIC Inc. S-8244 Datasheet HTML 27Page - ABLIC Inc. S-8244 Datasheet HTML 28Page - ABLIC Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
No.
TITLE
UNIT
ANGLE
ABLIC Inc.
mm
SNT-8A-A
-Land Recommendation
PH008-A-L-SD-4.1
0.3
0.2
0.52
2.01
0.52
No. PH008-A-L-SD-4.1
Caution 1. Do not do silkscreen printing and solder printing under the mold resin of the package.
2. The thickness of the solder resist on the wire pattern under the package should be 0.03 mm
or less from the land pattern surface.
3. Match the mask aperture size and aperture position with the land pattern.
4. Refer to "SNT Package User's Guide" for details.
1.
(0.25 mm min. / 0.30 mm typ.)
2.
(1.96 mm ~ 2.06 mm)
1.
2.
0.03 mm
3.
4.
SNT
1. Pay attention to the land pattern width (0.25 mm min. / 0.30 mm typ.).
2. Do not widen the land pattern to the center of the package (1.96 mm to 2.06mm).
1
2
1.
2.
(1.96 mm ~ 2.06 mm)
(0.25 mm min. / 0.30 mm typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com