Electronic Components Datasheet Search
  English  ▼

X  

PCI7610 Datasheet(PDF) 72 Page - Texas Instruments

Part # PCI7610
Description  PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7610 Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCI7610 Datasheet HTML 68Page - Texas Instruments PCI7610 Datasheet HTML 69Page - Texas Instruments PCI7610 Datasheet HTML 70Page - Texas Instruments PCI7610 Datasheet HTML 71Page - Texas Instruments PCI7610 Datasheet HTML 72Page - Texas Instruments PCI7610 Datasheet HTML 73Page - Texas Instruments PCI7610 Datasheet HTML 74Page - Texas Instruments PCI7610 Datasheet HTML 75Page - Texas Instruments PCI7610 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 240 page
background image
3−30
•
Subsystem ID register (PCI offset 2Eh, see Section 7.12): bits 31−16
•
Minimum grant and maximum latency register (PCI offset 3Eh, see Section 7.16): bits 15−0
•
Power management control and status register (PCI offset 48h, see Section 7.20): bits 15, 8, 1, 0
•
PCI PHY control register (PCI offset ECh, see Section 7.22): bits 7, 4−0
•
Miscellaneous configuration register (PCI offset F0h, see Section 7.23): bits 15, 11−8, 5−0
•
Link enhancement control register (PCI offset F4h, see Section 7.24): bits 15−12, 10, 8−7, 2−1
•
Bus options register (OHCI offset 20h, see Section 8.9): bits 15−12
•
GUID high register (OHCI offset 24h, see Section 8.10): bits 31−0
•
GUID low register (OHCI offset 28h, see Section 8.11): bits 31−0
•
Host controller control register (OHCI offset 50h/54h, see Section 8.16): bit 23
•
Link control register (OHCI offset E0h/E4h, see Section 8.31): bit 6
•
PHY-link loopback test register (Local offset C14h): bits 6−4, 0
•
Link test control register (Local offset C00h): bits 12−8
The global reset-only (function 3) register bits:
•
Subsystem vendor ID register (PCI offset 2Ch, see Section 7.12): bits 15−0
•
Subsystem ID register (PCI offset 2Eh, see Section 7.12): bits 31−16
•
Power management control and status register (PCI offset 48h, see Section 7.20): bits 1, 0
•
Miscellaneous control register (PCI offset 50h, see Section ): bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com