Electronic Components Datasheet Search
  English  ▼

X  

PCI7610 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCI7610
Description  PC Card, UltraMedia, and Integrated 1394a-2000 OHCI Two-Port PHY/Link-Layer Controller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7610 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCI7610 Datasheet HTML 12Page - Texas Instruments PCI7610 Datasheet HTML 13Page - Texas Instruments PCI7610 Datasheet HTML 14Page - Texas Instruments PCI7610 Datasheet HTML 15Page - Texas Instruments PCI7610 Datasheet HTML 16Page - Texas Instruments PCI7610 Datasheet HTML 17Page - Texas Instruments PCI7610 Datasheet HTML 18Page - Texas Instruments PCI7610 Datasheet HTML 19Page - Texas Instruments PCI7610 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 240 page
background image
1−2
The PCI7610 controller provides physical write posting buffers and a highly-tuned physical data path for SBP-2
performance. The PCI7610 controller also provides multiple isochronous contexts, multiple cacheline burst transfers,
advanced internal arbitration, and bus-holding buffers.
The PCI7610 PHY-layer provides the digital and analog transceiver functions needed to implement a two-port node
in a cable-based 1394 network. Each cable port incorporates two differential line transceivers. The transceivers
include circuitry to monitor the line conditions as needed for determining connection status, for initialization and
arbitration, and for packet reception and transmission.
The PCI7610 PHY-layer requires only an external 24.576-MHz crystal as a reference for the cable ports. An external
clock may be provided instead of a crystal. An internal oscillator drives an internal phase-locked loop (PLL), which
generates the required 393.216-MHz reference signal. This reference signal is internally divided to provide the clock
signals that control transmission of the outbound encoded strobe and data information. A 49.152-MHz clock signal
is supplied to the integrated LLC for synchronization and is used for resynchronization of the received data. Data bits
to be transmitted through the cable ports are received from the integrated LLC and are latched internally in
synchronization with the 49.152-MHz system clock. These bits are combined serially, encoded, and transmitted at
98.304M, 196.608M, or 393.216M bits/s (referred to as S100, S200, or S400 speeds, respectively) as the outbound
data-strobe information stream. During transmission, the encoded data information is transmitted differentially on the
twisted-pair B (TPB) cable pair(s), and the encoded strobe information is transmitted differentially on the twisted-pair
A (TPA) cable pair(s).
Various implementation specific functions and general-purpose inputs and outputs are provided through several
multifunction terminals. These terminals present a system with options, such as PCI LOCK and parallel IRQs.
ACPI-complaint general-purpose events may be programmed and controlled through the multifunction terminals, and
an ACPI-compliant programming interface is included for the general-purpose inputs and outputs.
The PCI7610 controller is compliant with the latest PCI Bus Power Management Specification, and provides several
low-power modes, which enable the host power system to further reduce power consumption. The PCI7610 controller
also has a four-pin interface compatible with both the TI TPS2211 and TPS2221 power switches.
An advanced CMOS process achieves low power consumption and allows the PCI7610 controller to operate at PCI
clock rates up to 33 MHz.
1.2
Features
The PCI7610 controller supports the following features:
•
PC Card Standard 8.0 compliant
•
PCI Bus Power Management Interface Specification 1.1 compliant
•
Advanced Configuration and Power Interface (ACPI) Specification 2.0 compliant
•
PCI Local Bus Specification Revision 2.3 compliant
•
PC 98/99 and PC2001 compliant
•
Compliant with the PCI Bus Interface Specification for PCI-to-CardBus Bridges
•
Fully compliant with provisions of IEEE Std 1394-1995 for a high-performance serial bus and IEEE Std
1394a-2000
•
Fully compliant with 1394 Open Host Controller Interface Specification 1.1
•
1.8-V core logic and 3.3-V I/O cells with internal voltage regulator to generate 1.8-V core VCC
•
Universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
•
Supports PC Card or CardBus with hot insertion and removal
•
Supports 132-MBps burst transfers to maximize data throughput on both the PCI bus and the CardBus
•
Supports serialized IRQ with PCI interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com