Electronic Components Datasheet Search
  English  ▼

X  

LTC4244IGN-1 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4244IGN-1
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN-1 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4244IGN-1 Datasheet HTML 10Page - Linear Technology LTC4244IGN-1 Datasheet HTML 11Page - Linear Technology LTC4244IGN-1 Datasheet HTML 12Page - Linear Technology LTC4244IGN-1 Datasheet HTML 13Page - Linear Technology LTC4244IGN-1 Datasheet HTML 14Page - Linear Technology LTC4244IGN-1 Datasheet HTML 15Page - Linear Technology LTC4244IGN-1 Datasheet HTML 16Page - Linear Technology LTC4244IGN-1 Datasheet HTML 17Page - Linear Technology LTC4244IGN-1 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC4244/LTC4244-1
42441f
Once the power-down sequence is complete, the CPCI
card may be removed from the slot. During extraction, the
precharge circuit continues to bias the bus I/O connector
pins at 1V until the long 5V and 3.3V connector pin
connections are broken.
GATE Pin Capacitor Selection
Both the load capacitance and the LTC4244’s GATE pin
capacitor (C1 in Figure 1) affect the ramp rate of the 5VOUT
and 3.3VOUT voltages. The precise relationship can be
expressed as:
dV
or =
I
or
=
I
OUT
LIMIT(5V)
LIMIT(3.3V)
dt
I
C
I
C
I
C
GATE
LOAD V
LOAD VOUT
LOAD
V
LOAD
VOUT
=
1
5
5
33
33
–
–
()
()
(.
)
(.
)
(1)
whichever is slowest. The power-up time for any of the
LTC4244’s outputs where the inrush current is constrained
by that supply’s foldback current limit can be approxi-
mated as:
t
CV
II
on VOUT
LOAD
OUT
LIMIT VOUT
LOAD VOUT
()
()
()
••
–
n
nn
n
<
2
(2)
Where
nVOUT = 5VOUT, 3.3VOUT, 12VOUT or VEEOUT. For
example, if CLOAD=2000µF, ILIMIT(5VOUT) = 6A and
ILOAD(5VOUT) = 5A, the 5VOUT turn-on time will be less than
20ms.
If the value of C1 is large enough that it alone determines
the output voltage ramp rate, then the magnitude of the
inrush current initially charging the load capacitance is:
I
C
C
I
INRUSH
LOAD
GATE
=
1
•
(3)
The maximum power-up time for this condition can be
approximated by:
t
V
V
C MAX
I
ON
OUT
TH MOSFET MAX
GATE MIN
<
+
()
,(
)
()
•(
)
1
(4)
where VTH,MOSFET(MAX) is the maximum threshold voltage
of the external 5V or 3.3V MOSFET.
In general, the edge rate (dI/dt) at which the back-end 5V
and 3.3V supply currents are turned on can be limited by
increasing the size of C1. Applications that are sensitive to
the edge rate should characterize how varying the size of
C1 reduces dI/dt for the external MOSFET selected for a
particular design.
In the event of a short-circuit or overcurrent condition, the
LTC4244’s GATE pin can be pulled down within 2
µs since
a 1k
Ω (R5 in Figure 1) decouples C1 from the gates of the
external MOSFET’s (Q1 and Q2 in Figure 1).
TIMER Pin Capacitor Selection
During a power-up sequence, a 21
µA current source is
connected to the TIMER pin and current limit faults are
ignored until the voltage ramps to within 1.6V of 12VIN.
This feature allows the part to power up large capacitive
loads using its foldback current limit. The TIMER inhibit
period can be expressed as:
t
CV
V
I
TIMER
TIMER
IN
TIMER
TIMER
=
()
•–
12
(5)
The timer period should be set longer than the duration of
any inrush current that exceeds the LTC4244’s foldback
current limit but yet be short enough not to exceed the
maximum, safe operating area of the external 5V and 3.3V
pass transistors in the event of a short circuit (see Design
Example). As a design aid, the TIMER period as a function
of the timing capacitor using standard values from 0.1
µF
to 0.82
µF is shown in Table 1.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com