Electronic Components Datasheet Search
  English  ▼

X  

LTC4244IGN-1 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4244IGN-1
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN-1 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4244IGN-1 Datasheet HTML 20Page - Linear Technology LTC4244IGN-1 Datasheet HTML 21Page - Linear Technology LTC4244IGN-1 Datasheet HTML 22Page - Linear Technology LTC4244IGN-1 Datasheet HTML 23Page - Linear Technology LTC4244IGN-1 Datasheet HTML 24Page - Linear Technology LTC4244IGN-1 Datasheet HTML 25Page - Linear Technology LTC4244IGN-1 Datasheet HTML 26Page - Linear Technology LTC4244IGN-1 Datasheet HTML 27Page - Linear Technology LTC4244IGN-1 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
28
LTC4244/LTC4244-1
42441f
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Hot Swap Controller
Dual Supplies from 3V to 12V, Additional –12V
LTC1422
Hot Swap Controller
Single Supply Hot Swap in SO-8 from 3V to 12V
LT1640AL/LT1640AH
Negative Voltage Hot Swap Controllers in SO-8
Negative High Voltage Supplies from –10V to –80V
LT1641-1/LT1641-2
Positive Voltage Hot Swap Controllers in SO-8
Supplies from 9V to 80V, Latch Off/Autoretry
LTC1642
Fault Protected Hot Swap Controller
3V to 15V, Overvoltage Protection Up to 33V
LTC1643AL/LTC1643AL-1 PCI Bus Hot Swap Controllers
3.3V, 5V, 12V, –12V Supplies for PCI Bus
LTC1643AH
LTC1644
Compact PCI Bus Hot Swap Controller
3.3V, 5V,
±12V, Local Reset Logic and Precharge
LTC1645
2-Channel Hot Swap Controller
Operates from 1.2V to 12V, Power Sequencing
LTC1646
Dual CompactPCI Hot Swap Controller
3.3V, 5V Supplies Only
LTC1647
Dual Hot Swap Controller
Dual ON Pins for Supplies from 3V to 15V
LTC4211
Hot Swap Controller with Multifunction Current Control
Single Supply, 2.5V to 16.5V, MSOP
LTC4240
CompactPCI Hot Swap Controller
I2C Interface Allows Control and Readback of Device Functions
LT4250
–48V Hot Swap Controller in SO-8
–20V to –80V, Active Current Limiting
LTC4251
–48V Hot Swap Controller in SOT-23
Floating Supply, Active Current Limiting and Fast Circuit Breaker
LT/TP 0204 1K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 2003
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
TYPICAL APPLICATIO
3.3VIN
12VIN
12VOUT
VEEIN
OFF/ON
Z4
5VIN
R4
10
Ω
CLOAD(5VOUT)
VOUT
5V
5A
VOUT
3.3V
7A
R5
1k
C1
0.33
µF
R3
10
Ω
R1
0.005
Ω
R2
0.007
Ω
Q1
IRF7457
Q2
IRF7457
3.3VOUT
3.3VSENSE
GND PRECHARGE
5VIN
5VSENSE
DRIVE
R9 24
Ω
1V
±10%
Q3
MMBT2222A
C3 4.7nF
VIN
3.3V
4244 F17
LTC4244-1
GATE
5VOUT
+
CLOAD(3.3VOUT)
+
VOUT
12V
500mA
CLOAD(12VOUT)
+
VEEOUT
TIMER
RESETOUT
I/O #1
I/O #128
VOUT
3.3V
C2
0.082
µF
Z3
Z2
R17
10k
3.3VIN
R22
2.7
Ω
C9
0.01
µF PER
POWER PIN
C7
0.01
µF
C8
0.01
µF PER
POWER PIN
R21
1.8
Ω
R19 1k
FAULT
PWRGD
RESETIN
R18 10k
R20
1.2k
R8 1k
R7 12
Ω
R6
10k
R10 18
Ω
R11
10k
R13
10
Ω
R14
10
Ω
•
•
•
•
•
•
•
•
•
R12
10k
R15
1
Ω
C4
0.01
µF
I/O DATA LINE 1
I/O DATA LINE 128
Z1, Z2: SMAJ12A
Z3, Z4: SMAJ5.0A
I/O PIN 128
RESET#
PCI
BRIDGE
CHIP
I/O PIN 1
GROUND
PCI_RST#
LOCAL_PCI_RST#
HEALTHY#
LONG V(I/O)
BD_SEL#
12V
LONG 3.3V
LONG 5V
3.3V
5V
Figure 17. Typical LTC4244-1 Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com