Electronic Components Datasheet Search
  English  ▼

X  

BUJD103AD Datasheet(PDF) 4 Page - WeEn Semiconductors

Part # BUJD103AD
Description  Silicon diffused power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BUJD103AD Datasheet(HTML) 4 Page - WeEn Semiconductors

  BUJD103AD Datasheet HTML 1Page - WeEn Semiconductors BUJD103AD Datasheet HTML 2Page - WeEn Semiconductors BUJD103AD Datasheet HTML 3Page - WeEn Semiconductors BUJD103AD Datasheet HTML 4Page - WeEn Semiconductors BUJD103AD Datasheet HTML 5Page - WeEn Semiconductors BUJD103AD Datasheet HTML 6Page - WeEn Semiconductors BUJD103AD Datasheet HTML 7Page - WeEn Semiconductors BUJD103AD Datasheet HTML 8Page - WeEn Semiconductors BUJD103AD Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BUJ103AD
Silicon diffused power transistor
[1]
Measured with half sine-wave voltage (curve tracer).
hFEsat
DC saturation current gain
IC = 2.0 A; VCE = 5 V
11
16
22
IC = 3.0 A; VCE = 5 V
-
12.5
-
Dynamic characteristics
Switching times (resistive load); see Figure 5 and 6
ton
turn-on time
ICon = 2.5 A; IBon = IBoff = 0.5 A;
RL =75 
-
0.52
0.6
s
tstg
storage time
-
2.7
3.3
s
tf
fall time
-
0.3
0.35
s
Switching times (inductive load); see Figure 7 and 8
tstg
storage time
ICon = 2 A; IBon = 0.4 A; LB = 1 H;
VBB = 5V
-1.2
1.4
s
tf
fall time
-
30
60
ns
Switching times (inductive load); see Figure 7 and 8
tstg
storage time
ICon = 2 A; IBon = 0.4 A; LB = 1 H;
VBB = 5V; Tj =100 C
--1.8
s
tf
fall time
-
-
120
ns
Table 5.
Characteristics …continued
Tmb = 25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Fig 3. Test circuit for collector-emitter sustaining
voltage
Fig 4. Oscilloscope display for collector-emitter
sustaining voltage test waveform
001aab987
horizontal
1
Ω
300
Ω
6 V
vertical
oscilloscope
50 V
100
Ω to 200 Ω
30 Hz to 60 Hz
001aab988
VCE (V)
min
VCEOsus
IC
(mA)
10
100
250
0
WeEn Semiconductors
BUJ103AD
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2016. All rights reserved
Product data sheet
Rev.3 18 October 2016
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com