Electronic Components Datasheet Search
  English  ▼

X  

BUJD103AD Datasheet(PDF) 7 Page - WeEn Semiconductors

Part # BUJD103AD
Description  Silicon diffused power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BUJD103AD Datasheet(HTML) 7 Page - WeEn Semiconductors

Back Button BUJD103AD Datasheet HTML 2Page - WeEn Semiconductors BUJD103AD Datasheet HTML 3Page - WeEn Semiconductors BUJD103AD Datasheet HTML 4Page - WeEn Semiconductors BUJD103AD Datasheet HTML 5Page - WeEn Semiconductors BUJD103AD Datasheet HTML 6Page - WeEn Semiconductors BUJD103AD Datasheet HTML 7Page - WeEn Semiconductors BUJD103AD Datasheet HTML 8Page - WeEn Semiconductors BUJD103AD Datasheet HTML 9Page - WeEn Semiconductors BUJD103AD Datasheet HTML 10Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BUJ103AD
Silicon diffused power transistor
7. Package information
Epoxy meets requirements of UL94 V-0 at 1⁄8 inch.
VCEclamp  1000 V; VCC = 150 V; VBB = 5 V; LB =1 H;
LC =200 H.
Tj  Tj(max).
Fig 13. Test circuit for reverse bias safe operating
area
Fig 14. Reverse bias safe operating area
Tmb  25 C; Mounted with heatsink compound and 30  5 Newton force on the center of the envelope.
(1) Ptot maximum and Ptot peak maximum lines.
(2) Second breakdown limits.
(3) I = Region of permissible DC operation.
II = Extension for repetitive pulse operation.
III = Extension during turn-on in single transistor converters provided that RBE  100  and tp  0.6 s.
Fig 15. Forward bias safe operating area
001aab999
DUT
LC
LB
IBon
VBB
VCC
VCL(CE)
probe point
VCEclamp (V)
0
1000
800
400
600
200
001aac000
4
6
2
8
10
IC
(A)
0
001aac001
10−1
10−2
10
1
102
IC
(A)
10−3
VCEclamp (V)
1
103
102
10
(1)
100
μs
200
μs
I(3)
tp = 20 μs
duty cycle = 0.01
50
μs
500
μs
DC
II(3)
III(3)
(2)
ICM(max)
IC(max)
WeEn Semiconductors
BUJ103AD
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2016. All rights reserved
Product data sheet
Rev.3 18 October 2016
7 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com