Electronic Components Datasheet Search
  English  ▼

X  

AB1815 Datasheet(PDF) 15 Page - Abracon Corporation

Part # AB1815
Description  AB08X5 Real-Time Clock Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB1815 Datasheet(HTML) 15 Page - Abracon Corporation

Back Button AB1815 Datasheet HTML 11Page - Abracon Corporation AB1815 Datasheet HTML 12Page - Abracon Corporation AB1815 Datasheet HTML 13Page - Abracon Corporation AB1815 Datasheet HTML 14Page - Abracon Corporation AB1815 Datasheet HTML 15Page - Abracon Corporation AB1815 Datasheet HTML 16Page - Abracon Corporation AB1815 Datasheet HTML 17Page - Abracon Corporation AB1815 Datasheet HTML 18Page - Abracon Corporation AB1815 Datasheet HTML 19Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 15 of 33
Abracon Drawing #453567
Revision: C
Figure 6 shows the typical VCC power state operating current vs. temperature in XT mode.
Figure 6. Typical VCC Current vs. Temperature in XT Mode
Figure 7 shows the typical VCC power state operating current vs. temperature in RC mode.
Figure 7. Typical VCC Current vs. Temperature in RC Mode
40
50
60
70
80
90
100
110
120
130
‐40
‐30
‐20
‐10
0
1020
304050607080
Temperature (°C)
VCC = 1.8V
VCC = 3.0V
TA = 25 °C
5
15
25
35
45
55
65
75
‐40
‐30
‐20
‐10
0
1020
304050607080
Temperature (°C)
VCC = 1.8V
VCC = 3.0V
TA = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com