Electronic Components Datasheet Search
  English  ▼

X  

AB1815 Datasheet(PDF) 28 Page - Abracon Corporation

Part # AB1815
Description  AB08X5 Real-Time Clock Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB1815 Datasheet(HTML) 28 Page - Abracon Corporation

Back Button AB1815 Datasheet HTML 24Page - Abracon Corporation AB1815 Datasheet HTML 25Page - Abracon Corporation AB1815 Datasheet HTML 26Page - Abracon Corporation AB1815 Datasheet HTML 27Page - Abracon Corporation AB1815 Datasheet HTML 28Page - Abracon Corporation AB1815 Datasheet HTML 29Page - Abracon Corporation AB1815 Datasheet HTML 30Page - Abracon Corporation AB1815 Datasheet HTML 31Page - Abracon Corporation AB1815 Datasheet HTML 32Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 28 of 33
Abracon Drawing #453567
Revision: C
7. Reflow Profile
Figure 20 illustrates the reflow soldering requirements.
Figure 20. Reflow Soldering Diagram
Table 15: Reflow Soldering Requirements (Pb-free assembly)
Profile Feature
Requirement
Preheat/Soak
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150 °C
200 °C
60-120 seconds
Ramp-up rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
260 °C max.
Time (tp) within 5 °C of Tp
30 seconds max.
Ramp-down rate (Tp to TL)
6 °C/second max.
Time 25 °C to peak temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com