Electronic Components Datasheet Search
  English  ▼

X  

RO2102A Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RO2102A
Description  423.22 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2102A Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RO2102A Datasheet HTML 1Page - RF Monolithics, Inc RO2102A Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
423.22 MHz
SAW Resonator
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2102A-012403
Electrical Connections
The SAW resonator is bidirectional and may be in-
stalled with either orientation. The two terminals
are interchangeable and unnumbered. The callout
NC indicates no internal connection. The NC pads
assist with mechanical positioning and stability.
External grounding of the NC pads is recommend-
ed to help reduce parasitic capacitance in the cir-
cuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static capaci-
tance, CO, at FC.
Typical Application Circuits
Equivalent LC Mode
l
Temperature Characteristics
The curve shown on the right
accounts for resonator contri-
bution only and does not in-
clude LC component tempera-
ture contributions
.
Typical Circuit Board
Land Pattern
The circuit board land pattern shown below is one possible design. The op-
timum land pattern is dependent on the circuit board assembly process
which varies by manufacturer. The distance between adjacent land edges
should be at a maximum to minimize parasitic capacitance. Trace lengths
from terminal lands to other components should be short and wide to mini-
mize parasitic series inductances.
Case Design
The case material is black alumina with contrasting symbolization. All pads
are nominally centered with respect to the base and consist of 40 to
70 microinches electroless gold on 60-350 micorinches electroless nickel.
NC
NC
Terminal
Terminal
From 50
Ω
Network Analyzer
Network Analyzer
To 50
Ω
ELECTRICAL TEST
+9VDC
47
RF Bypass
L1
(Antenna)
C1
C2
200k
Ω
Modulation
Input
ROXXXXA
Bottom View
470
Typical Low-Power Transmitter Application
RF Bypass
L1
C1
C2
ROXXXXA
Bottom View
Typical Local Oscillator Application
+VDC
+VDC
Output
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
5.74
5.99
0.226
0.236
B
3.73
3.99
0.147
0.157
C
1.91
2.16
0.075
0.085
D
0.94
1.10
0.037
0.043
E
0.83
1.20
0.033
0.047
F
1.16
1.53
0.046
0.060
G
0.94
1.10
0.037
0.043
H
0.43
0.59
0.017
0.023
K
0.43
0.59
0.017
0.023
M
5.08
5.33
0.200
0.210
N
0.38
0.64
0.015
0.025
P
3.05
3.30
0.120
0.130
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
Typical Dimension:
0.010 to 0.047 inch
(0.25 to 1.20 mm)
(4 Places)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com