Electronic Components Datasheet Search
  English  ▼

X  

RO2102A Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2102A
Description  423.22 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2102A Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2102A Datasheet HTML 1Page - RF Monolithics, Inc RO2102A Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2102A-012403
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Frequency (+25 °C)
Nominal Frequency
fC
2, 3, 4, 5
423.145
423.295
MHz
Tolerance from 423.220 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
1.0
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
16,100
50
Ω Loaded Q
QL
1,800
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fC
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1, 6
10
ppm/yr
DC Insulation Resistance between Any Two Terminals
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 6, 7, 9
13
26
Ω
Motional Inductance
LM
76.9741
µH
Motional Capacitance
CM
1.83723
fF
Shunt Static Capacitance
CO
5, 6, 9
1.5
1.8
2.1
pF
Test Fixture Shunt Inductance
LTEST
2, 7
78
nH
Lid Symbolization
114
•
Ideal for 423.22 MHz LOs Superhet Receiver LOs
•
Very Low Series Resistance
•
Quartz Stability
•
Surface-Mount, Ceramic Case with 21 mm2 Footprint
•
Complies with Directive 2002/95/EC (RoHS)
The RO2102A is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
It provides reliable, fundamental-mode, quartz frequency stabilization of local oscillators operating at approx-
imately 423.22 MHz. This SAW is designed 423.22 MHz superhet receivers with 10.7 MHz IF. Applications
include remote-control and wireless security receivers operating in Europe under ETSI I-ETS 300 220 and in
Germany under FTZ 17 TR 2100.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See Typical Test Circuit)
+5
dBm
DC Voltage Between Terminals (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
423.22 MHz
SAW
Resonator
RO2102A
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing in subse-
quent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The shunt
inductance, LTEST, is tuned for parallel resonance with CO at fC. Typically, fOS-
CILLATOR or fTRANSMITTER is approximately equal to the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and govern-
ment approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically oscillator T
O is approximately
equal to the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the reso-
nant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between the two terminals measured at low
frequency (10 MHz) with a capacitance meter. The measurement includes para-
sitic capacitance with "NC” pads unconnected. Case parasitic capacitance is
approximately 0.05 pF. Transducer parallel capacitance can by calculated as:
CP ≈ CO - 0.05 pF.
SM-2 Case


Similar Part No. - RO2102A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
423.22 MHz SAW Resonator
More results

Similar Description - RO2102A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2102 RFM-RO2102 Datasheet
146Kb / 2P
423.22 MHz SAW Resonator
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0228A TAI-SAW-TC0228A Datasheet
426Kb / 7P
SAW Resonator 423.22 MHz
logo
Murata Manufacturing Co...
RO3102 MURATA-RO3102 Datasheet
191Kb / 2P
423.22 MHz SAW Resonator
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
423.22 MHz SAW Resonator
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0149E TAI-SAW-TC0149E Datasheet
744Kb / 4P
SAW Resonator 423.22 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com