Electronic Components Datasheet Search
  English  ▼

X  

REM6E Datasheet(PDF) 2 Page - Recom International Power

Part # REM6E
Description  DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM6E Datasheet(HTML) 2 Page - Recom International Power

  REM6E Datasheet HTML 1Page - Recom International Power REM6E Datasheet HTML 2Page - Recom International Power REM6E Datasheet HTML 3Page - Recom International Power REM6E Datasheet HTML 4Page - Recom International Power REM6E Datasheet HTML 5Page - Recom International Power REM6E Datasheet HTML 6Page - Recom International Power REM6E Datasheet HTML 7Page - Recom International Power REM6E Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.recom-power.com
REV.: 2/2019
MED-2
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
REM6E
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi-type
Input Voltage Range
nom. Vin = 12VDC
nom. Vin = 24VDC
nom. Vin = 48VDC
9VDC
18VDC
36VDC
12VDC
24VDC
48VDC
18VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
(„/X1“ version)
nom. Vin= 12VDC
DC-DC ON
DC-DC OFF
7.9VDC
9VDC
nom. Vin= 24VDC
DC-DC ON
DC-DC OFF
16.7VDC
18VDC
nom. Vin= 48VDC
DC-DC ON
DC-DC OFF
34.3VDC
36VDC
Input Current
nom. Vin = 12VDC
nom. Vin = 24VDC
nom. Vin = 48VDC
650mA
320mA
150mA
Quiescent Current
nom. Vin = 12VDC
nom. Vin = 24VDC
nom. Vin = 48VDC
35mA
25mA
7mA
Minimum Load (7)
10%
Start-up time
0.6ms
Rise time
0.45ms
Hold-up time
0.6ms
ON/OFF CTRL
DC-DC ON
DC-DC OFF
Open or 0VDC<V
CTRL<1.2VDC
Short or 4.8VDC<V
CTRL<12VDC
Input Current of CTRL Pin
V
CTRL=5VDC
25mA
Standby Current
DC-DC OFF
350µA
Internal Operating Frequency
120kHz
Output Ripple and Noise (6)
20MHz BW
150mVp-p
continued on next page
Notes:
Note6: Measurements are made with a 0.1µF MLCC across output. (low ESR)
ON/OFF CTRL Option
+V
in
V
CTRL
R1
-V
in
+V
out
-V
out
R1
470
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com