Electronic Components Datasheet Search
  English  ▼

X  

REM6E Datasheet(PDF) 4 Page - Recom International Power

Part # REM6E
Description  DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM6E Datasheet(HTML) 4 Page - Recom International Power

  REM6E Datasheet HTML 1Page - Recom International Power REM6E Datasheet HTML 2Page - Recom International Power REM6E Datasheet HTML 3Page - Recom International Power REM6E Datasheet HTML 4Page - Recom International Power REM6E Datasheet HTML 5Page - Recom International Power REM6E Datasheet HTML 6Page - Recom International Power REM6E Datasheet HTML 7Page - Recom International Power REM6E Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.recom-power.com
REV.: 2/2019
MED-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
REM6E
Series
Deviation vs. Load
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
1.5
1.0
0.5
-0.5
0
-1.0
-1.5
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Deviation vs. Load
REM6E-1212S
REM6E-2412S
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
full load @ natural convection 0.1m/s (see graph)
-40°C to +75°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/K typ. / ±0.05%/K max.
Thermal Impedance
0.1m/s, horizontal
20K/W
Operating Altitude
3000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+75°C
2100 x 103 hours
620 x 103 hours
continued on next page
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
below 100m
Ω
continuous, hiccup mode, automatic recovery
Isolation Voltage (8)
I/P to O/P
DIP24
“/R8” suffix
tested for 1 second
rated for 1 minute
8kVDC
4kVAC/60Hz
“/R10” suffix
tested for 1 second
rated for 1 minute
10kVDC
5kVAC/60Hz
SMD
“/R6” suffix
rated for 1 minute
6kVDC
Isolation Resistance
10G
Ω min.
Isolation Capacitance
20pF typ.
Insulation Grade
reinforced
Leakage Current
0.8µA typ. / 1µA max.
Means of Protection
250VAC working voltage
2MOPP
Medical Device Classification
built-in power supply
Internal
clearance/creepage
>8mm
External
clearance/creepage
>8mm
Notes:
Note8: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note9: Refer to local safety regulations if input over-current protection is also required. Recommended fuse: slow blow type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com