Electronic Components Datasheet Search
  English  ▼

X  

DTA605 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTA605
Description  Bias Resistor Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA605 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTA605 Datasheet HTML 1Page - First Silicon Co., Ltd DTA605 Datasheet HTML 2Page - First Silicon Co., Ltd DTA605 Datasheet HTML 3Page - First Silicon Co., Ltd DTA605 Datasheet HTML 4Page - First Silicon Co., Ltd DTA605 Datasheet HTML 5Page - First Silicon Co., Ltd DTA605 Datasheet HTML 6Page - First Silicon Co., Ltd DTA605 Datasheet HTML 7Page - First Silicon Co., Ltd DTA605 Datasheet HTML 8Page - First Silicon Co., Ltd DTA605 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2008. 8. 28
2/11
DTA601~611, DTA617, DTA622
Revision No : 1
ORDERING INFORMATION AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Package
Shipping†
6A
10
10
DTA602
SC−89
3000 Tape & Reel
6B
22
22
DTA603
SC−89
3000 Tape & Reel
6C
47
47
DTA604
SC−89
3000 Tape & Reel
6D
10
47
DTA607
SC−89
3000 Tape & Reel
6E
10
∞
DTA611
SC−89
3000 Tape & Reel
6F
4.7
∞
DTA610
SC−89
3000 Tape & Reel
6H
2.2
2.2
DTA617
SC−89
3000 Tape & Reel
43
4.7
4.7
DTA601
SC−89
3000 Tape & Reel
6K
4.7
47
DTA606
SC−89
3000 Tape & Reel
6L
22
47
DTA608
SC−89
3000 Tape & Reel
6M
2.2
47
DTA605
SC−89
3000 Tape & Reel
6N
100
100
DTA622
SC−89
3000 Tape & Reel
6P
47
22
DTA609
SC−89
3000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
−
−
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
−
−
500
nAdc
(VEB = 6.0 V, IC
DTA604
DTA607
DTA611
DTA610
DTA617
DTA601
DTA606
DTA608
DTA605
DTA622
DTA609
IEBO
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 A, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector−Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
−
−
Vdc
3. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
Emitter−Base Cutoff Current
DTA602
= 0)
DTA603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com