Electronic Components Datasheet Search
  English  ▼

X  

DTA605 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # DTA605
Description  Bias Resistor Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA605 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  DTA605 Datasheet HTML 1Page - First Silicon Co., Ltd DTA605 Datasheet HTML 2Page - First Silicon Co., Ltd DTA605 Datasheet HTML 3Page - First Silicon Co., Ltd DTA605 Datasheet HTML 4Page - First Silicon Co., Ltd DTA605 Datasheet HTML 5Page - First Silicon Co., Ltd DTA605 Datasheet HTML 6Page - First Silicon Co., Ltd DTA605 Datasheet HTML 7Page - First Silicon Co., Ltd DTA605 Datasheet HTML 8Page - First Silicon Co., Ltd DTA605 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2008. 8. 28
3/11
Revision No : 0
DTA601~611, DTA617, DTA622
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 4)
(VCE = 10 V, IC
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
−
−
−
−
−
−
−
−
−
−
−
−
−
−
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB
(IC = 10 mA, IB
DTA606 / DTA608
DTA601
VCE(sat)
−
−
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 k
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 k
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 k
VOL
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
4. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
DC Current Gain
= 5.0 mA)
= 1 mA)
DTA611 / DTA610
= 5 mA)
DTA617
)
)
)
)
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k )
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k )
DTA611
DTA610
DTA617
DTA601
VOH
4.9
−
−
Vdc
r
o
t
s
i
s
e
R
t
u
p
n
I
R1
7.0
15.4
32.9
7.0
7.0
3.3
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
2.9
6.1
6.1
28.6
2.86
130
61.1
k
Resistor Ratio
DTA602 / DTA603
DTA604 / DTA622
DTA607
DTA611 / DTA610
DTA617/ DTA601
DTA606
DTA608
DTA605
DTA609
R1/R2
0.8
0.17
−
0.8
0.055
0.38
0.038
1.7
1.0
0.21
−
1.0
0.1
0.47
0.047
2.1
1.2
0.25
−
1.2
0.185
0.56
0.056
2.6
−
DTA604
DTA607
DTA611
DTA610
DTA617
DTA601
DTA606
DTA608
DTA605
DTA622
DTA609
DTA602
DTA603
DTA604
DTA607
DTA611
DTA610
DTA617
DTA601
DTA606
DTA608
DTA605
DTA622
DTA609
DTA602
DTA603
DTA604
DTA607
DTA611
DTA610
DTA617
DTA601
DTA606
DTA608
DTA605
DTA622
DTA609
DTA602
DTA603
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com