Electronic Components Datasheet Search
  English  ▼

X  

DWC301 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # DWC301
Description  Dual Bias ResistorTransistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWC301 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  DWC301 Datasheet HTML 1Page - First Silicon Co., Ltd DWC301 Datasheet HTML 2Page - First Silicon Co., Ltd DWC301 Datasheet HTML 3Page - First Silicon Co., Ltd DWC301 Datasheet HTML 4Page - First Silicon Co., Ltd DWC301 Datasheet HTML 5Page - First Silicon Co., Ltd DWC301 Datasheet HTML 6Page - First Silicon Co., Ltd DWC301 Datasheet HTML 7Page - First Silicon Co., Ltd DWC301 Datasheet HTML 8Page - First Silicon Co., Ltd DWC301 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Input Resistor
DWC302
DWC303
DWC304
DWC307
DWC311
DWC310
DWC323
DWC317
DWC301
DWC306
DWC308
DWC305
DWC322
DWC309
ELECTRICAL CHARACTERISTICS
(T A= 25°C unless otherwise noted, common for Q 1 and Q 2 ,) (Continued)
ti
n
U
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
ON CHARACTERISTICS(Note 6.)
R
1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
kΩ
Resistor Ratio
DWC302/DWC303
DWC304/DWC322
DWC307/DWC311
DWC310/DWC323
DWC317/DWC301
DWC306
DWC308
DWC305
DWC309
R
1 /R 2
0.8
0.17
–
0.8
0.055
0.38
0.038
1.7
1.0
0.21
–
1.0
0.1
0.47
0.047
2.1
1.2
0.25
–
1.2
0.185
0.56
0.056
2.6
6. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
300
250
200
150
100
50
0
T A , AMBIENT TEMPERATURE (°C)
Figure 1. Derating Curve
–50
0
50
100
150
833°C
2009. 12. 04
5/10
Revision No : 0
DWC301~311, DWC317, 322, 323



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com