Electronic Components Datasheet Search
  English  ▼

X  

DWC301 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DWC301
Description  Dual Bias ResistorTransistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWC301 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DWC301 Datasheet HTML 1Page - First Silicon Co., Ltd DWC301 Datasheet HTML 2Page - First Silicon Co., Ltd DWC301 Datasheet HTML 3Page - First Silicon Co., Ltd DWC301 Datasheet HTML 4Page - First Silicon Co., Ltd DWC301 Datasheet HTML 5Page - First Silicon Co., Ltd DWC301 Datasheet HTML 6Page - First Silicon Co., Ltd DWC301 Datasheet HTML 7Page - First Silicon Co., Ltd DWC301 Datasheet HTML 8Page - First Silicon Co., Ltd DWC301 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
3
2
SC-88/SOT-363
6
4
5
Dual Bias ResistorTransistors
NPN Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
1
3
2
6
4
5
Q1
Q2
R1
R2
R1
R2
7X
MARKING DIAGRAM
3
1
2
6
4
5
DEVICE MARKING
INFORMATION
See specific marking information in
he device marking table on page 2 of
his data sheet.
7X = Device Marking
(See Page 2)
256 (Note 2.)
1.5 (Note 1.)
2.0 (Note 2.)
MAXIMUM RATINGS (T A = 25°C unless otherwise noted, common for Q 1 and Q 2 )
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
g
n
i
t
a
R
Collector-Base Voltage
V CBO
50
Vdc
Collector-Emitter Voltage
V CEO
50
Vdc
I
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
P D
187 (Note 1.)
mW
T A = 25°C
Derate above 25°C
mW/°C
Thermal Resistance –
R θJA
670 (Note 1.)
°C/W
)
.
2
e
t
o
N
(
0
9
4
t
n
e
i
b
m
A
-
o
t
-
n
o
i
t
c
n
u
J
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
T A = 25°C
Derate above 25°C
P D
250 (Note 1.)
385 (Note 2.)
2.0 (Note 1.)
3.0 (Note 2.)
mW
mW/°C
Thermal Resistance –
Junction-to-Ambient
R θJA
493 (Note 1.)
325 (Note 2.)
°C/W
Thermal Resistance –
Junction-to-Lead
R θJL
188 (Note 1.)
208 (Note 2.)
°C/W
Junction and Storage
Temperature
T J , T stg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a base–emitter resistor. These
digital transistors are designed to replace a single device and its external resistor bias network.
The BRT eliminates these individual components by integrating them into a single device. In
the DWC3xx series, two BRT devices are housed in the SOT–363 package which is ideal
for low power surface mount applications where board space is at a premium.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• We declare that the material of product compliance with RoHS requirements.
SEMICONDUCTOR
TECHNICAL DATA
DWC301~311
DWC317, 322, 323
2009. 12. 04
1/10
Revision No : 0


Similar Part No. - DWC301

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DWC-50-100-Y FESTO-DWC-50-100-Y Datasheet
83Kb / 2P
Hinge cylinder
DWC-50-100-Y-A FESTO-DWC-50-100-Y-A Datasheet
85Kb / 2P
Hinge cylinder
DWC-50-100-Y-A-G FESTO-DWC-50-100-Y-A-G Datasheet
85Kb / 2P
Hinge cylinder
DWC-50-100-Y-AB FESTO-DWC-50-100-Y-AB Datasheet
84Kb / 2P
Hinge cylinder
DWC-50-100-Y-AB-G FESTO-DWC-50-100-Y-AB-G Datasheet
84Kb / 2P
Hinge cylinder
More results

Similar Description - DWC301

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MUN5211W ETL-MUN5211W Datasheet
501Kb / 8P
Dual Bias ResistorTransistors
logo
Leshan Radio Company
LMUN5211DW1T1G LRC-LMUN5211DW1T1G_15 Datasheet
228Kb / 10P
Dual Bias ResistorTransistors
LMUN5212DW1T1G LRC-LMUN5212DW1T1G_15 Datasheet
156Kb / 10P
Dual Bias ResistorTransistors
LMUN5213DW1T1G LRC-LMUN5213DW1T1G_15 Datasheet
156Kb / 10P
Dual Bias ResistorTransistors
LMUN5214DW1T1G LRC-LMUN5214DW1T1G_15 Datasheet
156Kb / 10P
Dual Bias ResistorTransistors
LMUN5232DW1T1G LRC-LMUN5232DW1T1G_15 Datasheet
156Kb / 10P
Dual Bias ResistorTransistors
LMUN5233DW1T1G LRC-LMUN5233DW1T1G_15 Datasheet
156Kb / 10P
Dual Bias ResistorTransistors
LMUN5234DW1T1G LRC-LMUN5234DW1T1G_15 Datasheet
156Kb / 10P
Dual Bias ResistorTransistors
LMUN5236DW1T1G LRC-LMUN5236DW1T1G_15 Datasheet
156Kb / 10P
Dual Bias ResistorTransistors
LMUN5237DW1T1G LRC-LMUN5237DW1T1G_15 Datasheet
156Kb / 10P
Dual Bias ResistorTransistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com