Electronic Components Datasheet Search
  English  ▼

X  

DWX Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # DWX
Description  Dual Bias Resistor Transistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWX Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button DWX Datasheet HTML 7Page - First Silicon Co., Ltd DWX Datasheet HTML 8Page - First Silicon Co., Ltd DWX Datasheet HTML 9Page - First Silicon Co., Ltd DWX Datasheet HTML 10Page - First Silicon Co., Ltd DWX Datasheet HTML 11Page - First Silicon Co., Ltd DWX Datasheet HTML 12Page - First Silicon Co., Ltd DWX Datasheet HTML 13Page - First Silicon Co., Ltd DWX Datasheet HTML 14Page - First Silicon Co., Ltd DWX Datasheet HTML 15Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
2015. 01. 28
11/29
Revision No : 0
DWX Series
DWX Series
TYPICAL ELECTRICAL CHARACTERISTICS − DWX307 NPN TRANSISTOR
10
1
0.1
0
10
20
30
40
50
100
10
1
0
2
4
6
8
10
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8
10
15 20
25 30
35 40
45
50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 32. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
20
40
60
80
Figure 33. DC Current Gain
100
0
1
1
IC, COLLECTOR CURRENT (mA)
Figure 34. Output Capacitance
Figure 35. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 36. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
−25
°C
25°C
TA
°C
VCE = 10
300
250
200
150
100
50
0
24
6
8
15 20 40 50 60 70 80
f = 1 MHz
lE = 0 V
TA = 25°C
25°C
IC/IB = 10
TA
°C
TA
°C
25°C
−25
°C
VO = 0.2V
TA
°C
75°C
VO = 5 V
25°C
75°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com