Electronic Components Datasheet Search
  English  ▼

X  

DWX Datasheet(PDF) 25 Page - First Silicon Co., Ltd

Part # DWX
Description  Dual Bias Resistor Transistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWX Datasheet(HTML) 25 Page - First Silicon Co., Ltd

Back Button DWX Datasheet HTML 21Page - First Silicon Co., Ltd DWX Datasheet HTML 22Page - First Silicon Co., Ltd DWX Datasheet HTML 23Page - First Silicon Co., Ltd DWX Datasheet HTML 24Page - First Silicon Co., Ltd DWX Datasheet HTML 25Page - First Silicon Co., Ltd DWX Datasheet HTML 26Page - First Silicon Co., Ltd DWX Datasheet HTML 27Page - First Silicon Co., Ltd DWX Datasheet HTML 28Page - First Silicon Co., Ltd DWX Datasheet HTML 29Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
2015. 01. 28
25/29
Revision No : 0
DWX Series
DWX Series
TYPICAL ELECTRICAL CHARACTERISTICS — DWX308 NPN TRANSISTOR
75°C
25°C
−25°C
Figure 101. VCE(sat) versus IC
Figure 102. DC Current Gain
t
u
p
n
I
s
u
s
r
e
v
t
n
e
r
r
u
C
t
u
p
t
u
O
.
4
0
1
e
r
u
g
i
F
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
.
3
0
1
e
r
u
g
i
F
Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 105. Input Voltage versus Output
Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
3
45
50
40
30
20
10
0
0
1
2
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
100
30
20
10
0
0.1
1
40
50
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
0.01
35
25
15
5
0.01
0.1
30
2.5
0.5
1.5
3.5
10
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com