Electronic Components Datasheet Search
  English  ▼

X  

BYT28 Datasheet(PDF) 2 Page - WeEn Semiconductors

Part # BYT28
Description  Dual rectifier diodes ultrafast
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYT28 Datasheet(HTML) 2 Page - WeEn Semiconductors

  BYT28 Datasheet HTML 1Page - WeEn Semiconductors BYT28 Datasheet HTML 2Page - WeEn Semiconductors BYT28 Datasheet HTML 3Page - WeEn Semiconductors BYT28 Datasheet HTML 4Page - WeEn Semiconductors BYT28 Datasheet HTML 5Page - WeEn Semiconductors BYT28 Datasheet HTML 6Page - WeEn Semiconductors BYT28 Datasheet HTML 7Page - WeEn Semiconductors BYT28 Datasheet HTML 8Page - WeEn Semiconductors BYT28 Datasheet HTML 9Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BYT28_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev.
6 — 29 September 2018
2 of
9
WeEn Semiconductors
BYT28 series
Dual rectifier diodes ultrafast
3.
Ordering information
4.
Limiting values
[1] Neglecting switching and reverse current losses.
5.
Thermal characteristics
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BYT28-300
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78
BYT28-500
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse voltage
BYT28-300
-
300
V
BYT28-500
-
500
V
VR
continuous reverse voltage
BYT28-300
Tmb  147 C
-
300
V
BYT28-500
Tmb  147 C
-
500
V
IO(AV)
average rectified output current
both diodes conducting; square
wave;  = 0.5; Tmb  115 C
[1] -10
A
IFSM
non-repetitive peak forward current
per diode
t = 10 ms
-
50
A
t = 8.3 ms sinusoidal; with reapplied
VRRM(max)
-55
A
Tstg
storage temperature
40
+150
C
Tj
junction temperature
-
150
C
Table 4.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
per diode; see Figure 1
--4.5
K/W
both diodes conducting
-
-
3
K/W
Rth(j-a)
thermal resistance from junction to
ambient
in free air
-
60
-
K/W
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com