Electronic Components Datasheet Search
  English  ▼

X  

BYT28 Datasheet(PDF) 3 Page - WeEn Semiconductors

Part # BYT28
Description  Dual rectifier diodes ultrafast
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYT28 Datasheet(HTML) 3 Page - WeEn Semiconductors

  BYT28 Datasheet HTML 1Page - WeEn Semiconductors BYT28 Datasheet HTML 2Page - WeEn Semiconductors BYT28 Datasheet HTML 3Page - WeEn Semiconductors BYT28 Datasheet HTML 4Page - WeEn Semiconductors BYT28 Datasheet HTML 5Page - WeEn Semiconductors BYT28 Datasheet HTML 6Page - WeEn Semiconductors BYT28 Datasheet HTML 7Page - WeEn Semiconductors BYT28 Datasheet HTML 8Page - WeEn Semiconductors BYT28 Datasheet HTML 9Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BYT28_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev.
6 — 29 September 2018
3 of
9
WeEn Semiconductors
BYT28 series
Dual rectifier diodes ultrafast
6.
Characteristics
Fig 1.
Transient thermal impedance from junction to mounting base as a function of pulse duration
001aab919
tp (s)
10−6
110
10−1
10−2
10−5
10−3
10−4
10−1
10−2
1
10
Zth(j-mb)
(K/W)
10−3
δ =
tp
T
t
T
Ptot
tp
Table 5.
Characteristics
Tj = 25 C; unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Characteristics are per diode
VF
forward voltage
IF = 5 A; Tj = 150 C
-
0.95
1.05
V
IF = 10 A
-
1.3
1.4
V
IR
reverse current
VR = VRRM
-2
10
A
VR = VRRM; Tj = 100 C
-
10
200
A
QS
reverse recovery charge
IF = 2 A; VR  30 V; dIF/dt = 20 A/s;
see Figure 9
-
5060nC
trr
reverse recovery time
IF = 1 A; VR  30 V; dIF/dt = 100 A/s;
see Figure 6
-
5060ns
IRRM
repetitive peak reverse current
IF = 5 A; VR  30 V; dIF/dt = 50 A/s;
Tj = 100 C; see Figure 7
-
23A
Vfr
forward recovery voltage
IF = 1 A; dIF/dt = 10 A/s-
2.5
-
V
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com