Electronic Components Datasheet Search
  English  ▼

X  

ABM13 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABM13
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM13 Datasheet(HTML) 3 Page - Abracon Corporation

  ABM13 Datasheet HTML 1Page - Abracon Corporation ABM13 Datasheet HTML 2Page - Abracon Corporation ABM13 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ABM13
ULTRA MINIATURE CERAMIC SMD CRYSTAL
CERTIFIED
TAPE & REEL:
REFLOW PROFILE:
Dimensions: mm
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Need a test socket for the ABM12 Series? To view
compatible PRECISION TEST & BURN-IN SOCKETS
for these parts,
click here. P/N AXS-1612-04-01C
ATTENTION
:Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commer -
cial, Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically designed for
Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or
presenting an extreme operating environment, written consent and authorization from Abracon Corporation is
required. Please contact Abracon Corporation for more information.
1.2 x 1.0 x 0.28mm
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.09.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
T: 3000pcs/reel
T5: 5000pcs/reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com