Electronic Components Datasheet Search
  English  ▼

X  

ABM13 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM13
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM13 Datasheet(HTML) 2 Page - Abracon Corporation

  ABM13 Datasheet HTML 1Page - Abracon Corporation ABM13 Datasheet HTML 2Page - Abracon Corporation ABM13 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTIONS & PART IDENTIFICATION: (Left blank if standard)
ABM13 -
MHz - - R
-
-
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 40.000MHz
Packaging
Blank: Bulk
T: 3000pcs/Reel
T5: 5000pcs/Reel
Freq. Stability
Blank: ± 50 ppm
U: ± 10 ppm
G: ± 15 ppm
X: ± 20 ppm
Y: ± 30 ppm
Load Capacitance
Blank: 7pF
5: 5pF
6: 6pF
Custom ESR if
other than standard
R□
□: Specify a value in
Ω (e.g.: R40)
Operating Temp.
(See Table 1 for details)
Blank: 0°C ~ +50°C
A: -10°C ~ +60°C
B: -20°C ~ +70°C
D: -40°C ~ +85°C
Freq. Tolerance
(See Table 1 for details)
Blank: ± 50 ppm
1: ± 10 ppm
2: ± 20 ppm
4: ± 30 ppm
Contact Abracon for other values
Note: See Table 1 for the availability of Operating Temp. and Freq. Stability combinations.
Table 1 Available Combinations of Operating Temp. and Freq. Stability
Operating Temp.
Freq. Stability
U:±10ppm G:±15ppm X:±20ppm
Y:±30ppm
Std:±50ppm
Std: 0°C ~ +50°C
√
√
√
√
√
A: -10°C ~ +60°C
√
√
√
√
B: -20°C ~ +70°C
√
√
√
D: -40°C ~ +85°C
√
√
ABM13
ULTRA MINIATURE CERAMIC SMD CRYSTAL
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
1.2 x 1.0 x 0.28mm
Pb RoHS/RoHS II compliant
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 07.09.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
OUTLINE DRAWING:
Recommended Land Pattern
Note:
Pin 2 is connected to the metal lid.
(Please connect to GND)
Pin 4: No connection
Dimensions: mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com