Electronic Components Datasheet Search
  English  ▼

X  

FC9961C Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC9961C
Description  LED Driver with Average-Mode Constant Current Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9961C Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC9961C Datasheet HTML 1Page - First Silicon Co., Ltd FC9961C Datasheet HTML 2Page - First Silicon Co., Ltd FC9961C Datasheet HTML 3Page - First Silicon Co., Ltd FC9961C Datasheet HTML 4Page - First Silicon Co., Ltd FC9961C Datasheet HTML 5Page - First Silicon Co., Ltd FC9961C Datasheet HTML 6Page - First Silicon Co., Ltd FC9961C Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FC9961C
2019. 03. 14
4/7
Revision No : 0
Functional Block Diagram
Sym
Description
Min
Typ
Max Units Conditions
TOFF Timer
T
OFF
Off time
-
32
40
48
μs
R
T = 1.00MΩ
-
8.0
10
12
R
T = 226kΩ
GATE Driver
I
SOURCE
GATE sourcing current
-
0.165
-
-
A
V
GATE = 0V, VDD = 7.5V
I
SINK
GATE sinking current
-
0.165
-
-
A
V
GATE = VDD, VDD = 7.5V
t
RISE
GATE output rise time
-
-
30
50
ns
C
GATE = 500pF, VDD = 7.5V
t
FALL
GATE output fall time
-
-
30
50
ns
C
GATE = 500pF, VDD = 7.5V
Notes:
*
Denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +125°C.
#
Guaranteed by design.
Electrical Characteristics (Specifications are at T
A = 25°C. VIN = 12V, VLD = VDD, PWMD = VDD unless otherwise noted))
CS
R
S
Q
Q
T
OFF
Timer
L/E
Blanking
GATE
0.44V
MIN (V
LD • 0.165, 0.265V)
LD
400µs
PWMD
RT
GND
Current
Mirror
i
Regulator
VIN
VDD
UVLO
POR
0.15/0.20V
Average Current
Control Logic
OUT
Auto-REF
FC9961C
CLK
IN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com