Electronic Components Datasheet Search
  English  ▼

X  

FC9961C Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC9961C
Description  LED Driver with Average-Mode Constant Current Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9961C Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FC9961C Datasheet HTML 1Page - First Silicon Co., Ltd FC9961C Datasheet HTML 2Page - First Silicon Co., Ltd FC9961C Datasheet HTML 3Page - First Silicon Co., Ltd FC9961C Datasheet HTML 4Page - First Silicon Co., Ltd FC9961C Datasheet HTML 5Page - First Silicon Co., Ltd FC9961C Datasheet HTML 6Page - First Silicon Co., Ltd FC9961C Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FC9961C
2019. 03. 14
7/7
Revision No : 0
PWM Dimming
Due to the fast open-loop response of the average-current
control loop of the FC9961C, its PWM dimming performance
nearly matches that of the FC9910B. The inductor current
waveform comparison is shown in Fig. 4.
Fig.4. Typical PWM dimming response of an FC9961C
LED driver.
[CH2 (red): PWMD; CH4 (green): Inductor Current; CH3 (blue):
Same as FC9910B for comparison]
The rising and falling edges are limited by the current slew
rate in the inductor. The first switching cycle is terminated
upon reaching the 265mV (V
LD • 0.177) level at CS. The cir-
cuit is further reaching its steady-state within 3~4 switching
cycles regardless of the switching frequency.
Pin Description
Pin #
Function
Description
1
VIN
This pin is the input of an 8.0 - 450V linear regulator.
2
CS
This pin is the current sense pin used to sense the FET current by means
of an external sense resistor.
3
GND
Ground return for all internal circuitry. This pin must be electrically con-
nected to the ground of the power train.
4
GATE
This pin is the output GATE driver for an external N-channel power
MOSFET.
5
PWMD
This is the PWM dimming input of the IC. When this pin is pulled to GND,
the gate driver is turned off. When the pin is pulled high, the gate driver
operates normally.
6
VDD
This is the power supply pin for all internal circuits. It must be bypassed
with a low ESR capacitor to GND (at least 0.1μF).
7
LD
This pin is the linear dimming input, and it sets the current sense thresh-
old as long as the voltage at this pin is less than 1.5V. If voltage at LD falls
below 150mV, the GATE output is disabled. The GATE signal recovers at
200mV at LD.
8
RT
A resistor connected between this pin and GND programs the GATE off-
time.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com