Electronic Components Datasheet Search
  English  ▼

X  

LM2068 Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2068
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2068 Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2068 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2068
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068-Manual-Rev0.2.DOC
Page: 7 of 9
4. Function Specifications
4.1
Power Circuit Example
For providing bias voltage to the LCD module, an external bias circuit should be set up as follow.
Note, adjusting the VLCD value will result the change of the LCD display contrast.
C1 = 1.0uF ~ 4.7uF
(25V or above)
R1 = 4.7k (1/8W)
R2 = 39k (1/8W)
R3 = 4R7 (1/8W)
U1 = LM324
(or equivalent)
4.2
Display Pixel Map
1,1
(D3)
2,1
(D2)
3,1
(D1)
4,1
(D0)
5,1
(D3)
- - -
- - -
316,1
(D0)
317,1
(D3)
318,1
(D2)
319,1
(D1)
320,1
(D0)
1,2
(D3)
2,2
(D2)
3,2
(D1)
4,2
(D0)
5,2
(D3)
- - -
- - -
316,2
(D0)
317,2
(D3)
318,2
(D2)
319,2
(D1)
320,2
(D0)
1,3
(D3)
2,3
(D2)
3,3
(D1)
4,3
(D0)
5,3
(D3)
- - -
- - -
316,3
(D0)
317,3
(D3)
318,3
(D2)
319,3
(D1)
320,3
(D0)
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
1,238
(D3)
2,238
(D2)
3,238
(D1)
4,238
(D0)
5,238
(D3)
- - -
- - -
316,238
(D0)
317,238
(D3)
318,238
(D2)
319,238
(D1)
320,238
(D0)
1,239
(D3)
2,239
(D2)
3,239
(D1)
4,239
(D0)
5,239
(D3)
- - -
- - -
316,239
(D0)
317,239
(D3)
318,239
(D2)
319,239
(D1)
320,239
(D0)
1,240
(D3)
2,240
(D2)
3,240
(D1)
4,240
(D0)
5,240
(D3)
- - -
- - -
316,240
(D0)
317,240
(D3)
318,240
(D2)
319,240
(D1)
320,240
(D0)
Pixel mapping (Top View)
Based on the top view of the LCD module,
the 1, 1 (x, y) pixel is the upper-left pixel;
the 320, 240 (x, y) pixel is the lower-right pixel.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com