Electronic Components Datasheet Search
  English  ▼

X  

LM2068 Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2068
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2068 Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2068 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2068 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2068
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068-Manual-Rev0.2.DOC
Page: 3 of 9
1. Basic Specifications
1.1
Power Supply Highlight
-
Logic Power Supply (VDD-VSS)
: 3.3V or 5V
-
LCD Driver Supply (VLCD-VSS)
: 19.8V
Note:
Please see the “3. Electrical Characteristics” for details.
1.2
Display Specifications
1) LCD Display Mode
: FSTN, Positive, Transflective
2) Display Color
: Display Data = “1” : Dark Gray (*1)
: Display Data = “0” : Light Gray (*2)
3) Viewing Angle
: 9 H
4) Driving Method
: 1/240 duty, 1/12 bias
5) Backlight
: Nil
Note:
*1. Color tone may slightly change by Temperature and Driving Condition.
*2. The Color is defined as the inactive / background color
1.3
Mechanical Specifications
1) Outline Dimension
: 89.3 x 70.1 x 2.0 (exclude FPC terminal)
see attached Outline Drawing for details
1.4
Block Diagram
320 x 240 pixels
LCD Panel
S6B0794
or equivalent
/DISPOFF
D0~D3
M
CP
LP
S6B0794
or equivalent
COM1
:
COM160
COM161
:
COM240
Power Circuit
FLM
VLCD, V2, V3, V4, V5
VDD,VSS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com