Electronic Components Datasheet Search
  English  ▼

X  

THS3201 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS3201 Datasheet HTML 13Page - Texas Instruments THS3201 Datasheet HTML 14Page - Texas Instruments THS3201 Datasheet HTML 15Page - Texas Instruments THS3201 Datasheet HTML 16Page - Texas Instruments THS3201 Datasheet HTML 17Page - Texas Instruments THS3201 Datasheet HTML 18Page - Texas Instruments THS3201 Datasheet HTML 19Page - Texas Instruments THS3201 Datasheet HTML 20Page - Texas Instruments THS3201 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
17
POWER SUPPLY
The performance of the THS3201 is dependent upon the
power supply. Slew rate, bandwidth, and distortion are
graphed against the power supply to highlight this
dependence. As the power supply is increased from
±5 V
to
±7.5 V, the slew rate increases, the bandwidth
increases, and the distortion improves.
0
1000
2000
3000
4000
5000
6000
7000
8000
01
2
3
4
5
6
7
8
VO − Output Voltage Step − VPP
910
Rise
VS = ± 5 V
RF = 715 Ω
9000
10000
11000
Gain = +2
RL = 100 Ω
Rise
VS = ± 7.5 V
RF = 768 Ω
Fall
VS = ± 5 V
RF = 715 Ω
Fall
VS = ± 7.5 V
RF = 768 Ω
Figure 57. Slew Rate vs Output Voltage Step
−95
−90
−85
−80
−75
−70
−65
−60
−55
1
f − Frequency − MHz
10
100
−50
−45
Gain = +2
RL = 100 Ω
VO = 2 VPP
VS = ± 5 V
RF = 715 Ω
VS = ± 7.5 V
RF = 768 Ω
Figure 58. 2nd Harmonic Distortion vs Frequency
−100
−90
−85
−80
−75
−70
−65
−60
−55
1
f − Frequency − MHz
10
100
−50
−95
Gain = +2
RL = 100 Ω
VO = 2 VPP
VS = ± 5 V
RF = 715 Ω
VS = ± 7.5 V
RF = 768 Ω
Figure 59. 3rd Harmonic Distortion vs Frequency
0
1
2
3
4
6
7
10
100
1 k
10 k
f − Frequency − Hz
5
Gain = +2
RL = 100 Ω
VO = 2 VPP
VS = ± 7.5 V
RF = 768 Ω
VS = ± 5 V
RF = 715 Ω
Figure 60. Noninverting Small Signal
Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com