Electronic Components Datasheet Search
  English  ▼

X  

THS3201 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201 Datasheet(HTML) 3 Page - Texas Instruments

  THS3201 Datasheet HTML 1Page - Texas Instruments THS3201 Datasheet HTML 2Page - Texas Instruments THS3201 Datasheet HTML 3Page - Texas Instruments THS3201 Datasheet HTML 4Page - Texas Instruments THS3201 Datasheet HTML 5Page - Texas Instruments THS3201 Datasheet HTML 6Page - Texas Instruments THS3201 Datasheet HTML 7Page - Texas Instruments THS3201 Datasheet HTML 8Page - Texas Instruments THS3201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
VS = ±7.5 V: Rf = 768 Ω, RL = 100 Ω, and G = +2 unless otherwise noted
THS3201
PARAMETER
TEST CONDITIONS
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C
to 85
°C
UNITS
MIN/TYP/
MAX
AC PERFORMANCE
G = +1, RF= 1.2 kΩ
1.8
GHz
Small-signal bandwidth, −3 dB
G = +2, RF = 768 Ω
850
Typ
Small-signal bandwidth, −3 dB
(VO = 200 mVPP)
G = +5, RF = 619 Ω
565
MHz
Typ
(VO = 200 mVPP)
G = +10, RF = 487 Ω
520
MHz
Bandwidth for 0.1 dB flatness
G = +2, VO = 200 mVpp,
RF = 768 Ω
380
MHz
Typ
Large-signal bandwidth
G = +2, VO = 2 Vpp, RF = 715 Ω
880
MHz
Typ
Slew rate (25% to 75% level)
G = +1, VO = 5-V step
6200
V/
µs
Typ
Slew rate (25% to 75% level)
G = +2, VO = 10-V step
10500
V/
µs
Typ
Rise and fall time
G = +2, VO = 4-V step, RF = 768 Ω
0.6
ns
Typ
Settling time to 0.1%
G = −2, VO = 2-V step
20
ns
Typ
0.01%
G = −2, VO = 2-V step
60
ns
Typ
Harmonic distortion
G = +5, f = 10 MHz, VO = 2 Vpp
2nd harmonic
RL = 100 Ω
−75
dBc
Typ
2nd harmonic
RL = 500 Ω
−77
dBc
Typ
3rd harmonic
RL = 100 Ω
−91
dBc
Typ
3rd harmonic
RL = 500 Ω
−93
dBc
Typ
Third-order intermodulation
distortion (IMD3)
G = +10, fc = 100 MHz,
∆f = 200 kHz,
−80
dBc
Typ
Third-order output intercept
point (OIP3)
c
∆f = 200 kHz,
VO(envelope) = 2 Vpp
41
dBm
Typ
Noise figure
G = +10, fc = 100 MHz,
RF = 255 Ω, RG = 28
11
dB
Typ
Input voltage noise
f > 10 MHz
1.65
nV/
√Hz
Typ
Input current noise (noninverting)
f > 10 MHz
13.4
pA/
√Hz
Typ
Input current noise (inverting)
f > 10 MHz
20
pA/
√Hz
Typ
Differential gain
NTSC
0.008%
Typ
Differential gain
G = +2, RL = 150 Ω,
PAL
0.004%
Typ
Differential phase
G = +2, RL = 150 Ω,
RF = 768 Ω
NTSC
0.007
°
Typ
Differential phase
RF = 768
PAL
0.011
°
Typ
DC PERFORMANCE
Open-loop transimpedance gain
VO = ±1 V, RL = 1 kΩ
300
200
140
120
k
Ω
Min
Input offset voltage
VCM = 0 V
±0.7
±3
±3.8
±4
mV
Max
Average offset voltage drift
VCM = 0 V
±10
±13
µV/°C
Typ
Input bias current (inverting)
VCM = 0 V
±13
±60
±80
±85
µA
Max
Average bias current drift (−)
VCM = 0 V
±300
±400
nA/
°C
Typ
Input bias current (noninverting)
VCM = 0 V
±14
±35
±45
±50
µA
Max
Average bias current drift (+)
VCM = 0 V
±300
±400
nA/
°C
Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com