Electronic Components Datasheet Search
  English  ▼

X  

LM2068AFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2068AFW
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2068AFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2068AFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2068AFW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068AFW-Manual-Rev0.3
Page: 4 of 9
1.4
Terminal Functions
Pin No.
Pin
Name
I/O
Descriptions
K1(FFC)
1
D0
Input
Display Data
2
D1
Input
Display Data
3
D2
Input
Display Data
4
D3
Input
Display Data
5
/DISPOFF
Input
Display ON/OFF control signal,
/DISPOFF = 0, display off
/DISPOFF = 1, display on
6
FLM
Input
First Line Marker
7
NC
NC
NC
8
LP
Input
Line Pulse signal,
for latching the segment buffer to the segment driver
9
CP
Input
Clock Pulse signal,
for shifting the data (D0~D3) into the segment buffer
10
VDD
Power
Positive Power Supply
11
VSS
Power
0V Power Supply, GND
12
VOUT
Input
Power Booster output for V0
13
V0
NC
LCD Contrast Reference input
14
NC
NC
NC
15
BLA
Power
Positive Power Supply for LED backlight
16
BLK
Power
Negative Power Supply for LED backlight



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com