Electronic Components Datasheet Search
  English  ▼

X  

LM2068AFW Datasheet(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2068AFW
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2068AFW Datasheet(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2068AFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2068AFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2068AFW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068AFW-Manual-Rev0.3
Page: 5 of 9
2. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Logic Supply
VDD
-0.3
+6.0
V
VSS = 0V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
VSS = 0V
Operating Temperature
TOP
-30
70
°C
No Condensation
Storage Temperature
TST
-40
80
°C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may
affect device reliability.
3. Electrical Characteristics
3.1
DC Characteristics
VSS=0V, VDD =5.0V, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Logic Supply
VDD
3.0
5.0
5.3
V
VDD
LCD Driving Supply
V0
-
22.9
-
V
V0
Input High Voltage
VIN
0.8xVDD
-
VDD
V
D0~D3, CP, LP,
FLM, /DISPOFF
Input Low Voltage
VIN
0
-
0.2x VDD
V
D0~D3, CP, LP,
FLM, /DISPOFF
Operating Current
IDD
-
32.6
81.5
mA
VDD
3.2
LED Backlight Circuit Characteristics
BLK=0V, IfBLA=102mA, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
VfBLA
-
5.0
-
V
BLA
Forward Current
IfBLA
-
102
130
mA
BLA
Cautions:
Exceeding the recommended driving current could cause substantial damage to the backlight and shorten its lifetime.
BLK
BLA
No. of LED = 6pcs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com