Electronic Components Datasheet Search
  English  ▼

X  

LM2088DFW-C Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088DFW-C
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088DFW-C Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2088DFW-C Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TOPWAY
LCD Module User Manual
LM2088DFW-C
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088DFW-C-Manual-Rev0.1
Page: 4 of 13
2. Terminal Functions
Pin No.
K5
Pin
Name
I/O
Descriptions
1
VSS
Power
0V Power Supply, GND
2
VDD
Power
Positive Power Supply
3
V0
Input
LCD Contrast Reference Input
4
A0
Input
Data Type Select
A0=H: command write, display data or cursor add read
A0=L: status flag read, display data or parameter write
5
/WR
Input
Write enable input, active LOW
6
/RD
Input
Read enable input, active LOW
7
DB0
I/O
8-bit bi-directional data bus
:
:
14
DB7
15
/CS
Input
Chip Select Signal
/CS=LOW: Data IO is enabled
16
/RST
Input
Reset Signal:
/RES = L, Reset the LCD Module
/RES = H, Normal Running
17
VOUT
Power
Power Booster Output for V0
18
SEL1
Input
SEL1
Interface
A0
RD
WR
CS
0
8080 mode
A0
RD
WR
CS
1
6800 mode
A0
E
R/W
CS
19
DCLK
Input
Serial/conversation clock for touch panel digitizer
20
/CSTP
Input
Touch panel digitizer selection signal
21
DIN
Input
Data for touch panel digitizer
22
DOUT
Output
The conversation data output
23
IRQTP
Output
Pen interrupt
24
IRQTP_PULLUP
Input
IRQTP Interminal pull up resister terminal
25
NC
-
No connection
26
NC
-
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com