Electronic Components Datasheet Search
  English  ▼

X  

LM2088DFW-C Datasheet(PDF) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088DFW-C
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088DFW-C Datasheet(HTML) 10 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2088DFW-C Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TOPWAY
LCD Module User Manual
LM2088DFW-C
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088DFW-C-Manual-Rev0.1
Page: 10 of 13
5.5
LCD Controller Command Summary
Command
Para-
meter
HEX Descriptions
SYSTEM
SET
-
1
1
0
0
1
0
0
0
0
0
0
40
Init device and display (with 8 parameters)
P1
0
1
0
0
0
IV
1
W/S
M2
M1
M0
**
M0=0: internal CG ROM
M0=1: external CG ROM
M1=0: no D6 correction
M1=1: D6 correction
M2=0: 8-pixel char height
M2=1: 16-pixel char height
W/S=0: single panel drive
W/S=1: dual panel drive
IV=0: Screen top-line correction
IV=1: No screen top-line correction
P2
0
1
0
WF
0
0
0
0
FX
**
FX: define the horizontal char size
WF=0: 16-line AC drive
WF=1: two frame AC drive
P3
0
1
0
0
0
0
0
FY
**
FY: Vertical Char Size
P4
0
1
0
C/R
**
C/R: display line address range
P5
0
1
0
TC/R
**
TC/R: Line length selection
P6
0
1
0
L/F
**
L/F: Frame Height selection
P7
0
1
0
APL
**
APL: Horizontal address range (low byte)
P8
0
1
0
APH
**
APH: Horizontal address range (high byte)
SLEEP IN
-
1
1
0
0
1
0
1
0
0
1
1
53
Enter standby mode
DISP
ON/OFF
-
1
1
0
0
1
0
1
1
0
0
D
58 / 59 Enable and disable display and display flashing (with 1 parameter)
P1
0
1
0 FP5 FP4 FP3
FP2
FP1
FP0
FC1
FC0
**
Each pair of bit in FP sets the attributes of one screen block
SCROLL
-
1
1
0
0
1
0
0
0
1
0
0
44
Set display start address and display regions (with 8 or 10 parameters)
P1
0
1
0
A7
A6
A5
A4
A3
A2
A1
A0
**
SAD 1L
P2
0
1
0
A15
A14
A13
A12
A11
A10
A9
A8
**
SAD 1H
P3
0
1
0
L7
L6
L5
L4
L3
L2
L1
L0
**
SL1
P4
0
1
0
A7
A6
A5
A4
A3
A2
A1
A0
**
SAD 2L
P5
0
1
0
A15
A14
A13
A12
A11
A10
A9
A8
**
SAD 2H
P6
0
1
0
L7
L6
L5
L4
L3
L2
L1
L0
**
SL2
P7
0
1
0
A7
A6
A5
A4
A3
A2
A1
A0
**
SAD3L
P8
0
1
0
A15
A14
A13
A12
A11
A10
A9
A8
**
SAD3H
P9
0
1
0
A7
A6
A5
A4
A3
A2
A1
A0
**
SAD4L (for both two-screen drive and two layer config are select)
P10
0
1
0
A15
A14
A13
A12
A11
A10
A9
A8
**
SAD4H (for both two-screen drive and two layer config are select)
CSRFORM
-
1
1
0
0
1
0
1
1
1
0
1
5D
Set cursor type (with 2 parameters)
P1
0
1
0
0
0
0
0
X3
X2
X1
X0
**
CRX
P2
0
1
0
CM
0
0
0
Y3
Y2
Y1
Y0
**
CRY
CM=0: underscore cursor; CM=1: block cursor
CGRAM
ADR
-
1
1
0
0
1
0
1
1
1
0
0
5C
Set Start address of char generator RAM (with 2 parameters)
P1
0
1
0
A7
A6
A5
A4
A3
A2
A1
A0
**
SAGL
P2
0
1
0
A15
A14
A13
A12
A11
A10
A9
A8
**
SAGH
CSRDIR
-
1
1
0
0
1
0
0
1
1
CD1
CD0 4C~4F Set Direction of Cursor movement
HDOT SCR
-
1
1
0
0
1
0
1
1
0
1
0
5A
Set horizontal scroll position (with 1 parameters)
P1
0
1
0
0
0
0
0
0
D2
D1
D0
**
OVLAY
-
1
1
0
0
1
0
1
1
0
1
1
5B
Set display overlay format (with 1 parameters)
P1
0
1
0
0
0
0
OV
DM2 DM1
MX1
MX0
**
CSRW
-
1
1
0
0
1
0
0
0
1
1
0
46
Set cursor address (with 2 parameters)
P1
0
1
0
A7
A6
A5
A4
A3
A2
A1
A0
**
CSRL
P2
0
1
0
A15
A14
A13
A12
A11
A10
A9
A8
**
CSRH
CSRR
-
1
1
0
0
1
0
0
0
1
1
1
47
Read Cursor Address (with 2 parameters)
P1
1
0
1
A7
A6
A5
A4
A3
A2
A1
A0
**
CSRL
P2
1
0
1
A15
A14
A13
A12
A11
A10
A9
A8
**
CSRH
MWRITE
-
1
1
0
0
1
0
0
0
0
1
0
42
Write to display memory (with n parameters)
P1
0
1
0
Memory Data
**
Display memory data
:
:
:
:
:
**
Pn
0
1
0
Memory Data
**
MREAD
-
1
1
0
0
1
0
0
0
0
1
1
43
Read from display memory (with n parameters)
P1
1
0
1
Memory Data
**
Display memory data
:
:
:
:
:
**
Pn
1
0
1
Memory Data
**
Note:
For details please refer to RA8835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com