Electronic Components Datasheet Search
  English  ▼

X  

2SC5509 Datasheet(PDF) 6 Page - NEC

Part # 2SC5509
Description  NPN SILICON RF TRANSISTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5509 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5509 Datasheet HTML 2Page - NEC 2SC5509 Datasheet HTML 3Page - NEC 2SC5509 Datasheet HTML 4Page - NEC 2SC5509 Datasheet HTML 5Page - NEC 2SC5509 Datasheet HTML 6Page - NEC 2SC5509 Datasheet HTML 7Page - NEC 2SC5509 Datasheet HTML 8Page - NEC 2SC5509 Datasheet HTML 9Page - NEC 2SC5509 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet PU10009EJ01V0DS
6
2SC5509
S-PARAMETERS
VCE = 2 V, IC = 5 mA
Frequency
S11
S21
S12
S22
(GHz)
MAG.ANG.MAG.ANG.MAG.ANG.MAG.ANG.
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
0.79
0.75
0.73
0.71
0.69
0.68
0.67
0.67
0.67
0.67
0.67
0.67
0.67
0.67
0.68
0.68
0.69
0.69
0.69
0.70
0.71
0.71
0.72
0.72
0.72
0.73
0.72
0.73
0.73
0.74
0.80
−28.2
−53.3
−74.8
−92.9
−108.1
−121.0
−132.0
−141.6
−149.9
−157.3
−164.0
−170.0
−175.5
179.5
174.7
170.4
166.2
162.4
158.8
155.2
152.2
148.9
146.0
143.3
140.4
137.9
135.3
133.7
132.1
130.0
121.2
14.75
13.32
11.81
10.40
9.18
8.15
7.28
6.55
5.94
5.42
4.97
4.59
4.25
3.96
3.70
3.47
3.26
3.07
2.90
2.74
2.60
2.47
2.35
2.24
2.14
2.03
1.93
1.84
1.79
1.73
1.27
161.9
147.0
134.8
124.5
116.0
108.6
102.3
96.6
91.5
86.9
82.6
78.6
74.9
71.3
67.9
64.6
61.4
58.4
55.5
52.6
49.8
47.1
44.4
41.8
39.2
36.7
34.4
33.0
31.3
29.1
16.5
0.03
0.05
0.07
0.08
0.09
0.09
0.10
0.10
0.10
0.10
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.11
0.12
72.3
60.2
50.9
42.8
36.7
31.7
27.8
24.7
21.8
19.7
17.7
16.0
14.6
13.4
12.3
11.3
10.4
9.6
8.9
8.4
7.7
7.0
6.5
6.0
5.5
4.8
4.9
7.1
8.4
8.0
9.0
0.93
0.84
0.74
0.65
0.58
0.51
0.46
0.42
0.38
0.35
0.33
0.31
0.30
0.29
0.28
0.27
0.27
0.27
0.27
0.27
0.27
0.27
0.28
0.28
0.29
0.29
0.30
0.29
0.28
0.29
0.38
−19.5
−35.9
−49.6
−61.4
−71.5
−80.4
−88.6
−96.2
−103.3
−110.1
−116.6
−123.0
−129.1
−134.9
−140.6
−146.1
−151.4
−156.5
−161.2
−165.8
−170.2
−174.2
−178.1
178.2
174.6
170.4
165.9
162.7
162.4
161.5
149.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com