Electronic Components Datasheet Search
  English  ▼

X  

2SC5509 Datasheet(PDF) 1 Page - NEC

Part # 2SC5509
Description  NPN SILICON RF TRANSISTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5509 Datasheet(HTML) 1 Page - NEC

  2SC5509 Datasheet HTML 1Page - NEC 2SC5509 Datasheet HTML 2Page - NEC 2SC5509 Datasheet HTML 3Page - NEC 2SC5509 Datasheet HTML 4Page - NEC 2SC5509 Datasheet HTML 5Page - NEC 2SC5509 Datasheet HTML 6Page - NEC 2SC5509 Datasheet HTML 7Page - NEC 2SC5509 Datasheet HTML 8Page - NEC 2SC5509 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
NPN SILICON RF TRANSISTOR
2SC5509
NPN SILICON RF TRANSISTOR FOR
MEDIUM OUTPUT POWER
⋅⋅⋅⋅ LOW NOISE ⋅⋅⋅⋅ HIGH-GAIN AMPLIFICATION
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
Document No. PU10009EJ01V0DS (1st edition)
Date Published October 2001 CP(K)
Printed in Japan
©
©
©
© NEC Compound Semiconductor Devices 2001
FEATURES
• Ideal for medium output power amplification
• NF = 1.2 dB TYP., Ga = 12 dB TYP. @ VCE = 2 V, IC = 10 mA, f = 2 GHz
• Maximum available power gain: MAG = 14 dB TYP. @ VCE = 2 V, IC = 50 mA, f = 2 GHz
•fT = 25 GHz technology adopted
• Flat-lead 4-pin thin-type super minimold package
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC5509
50 pcs (Non reel)
• 8 mm wide embossed taping
2SC5509-T2
3 kpcs/reel
• Pin 1 (Emitter), Pin 2 (Collector) face the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
3.3
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
190
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Free Air
Because this product uses high-frequency technology, avoid excessive static electricity, etc.


Similar Part No. - 2SC5509

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5509 RENESAS-2SC5509 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
logo
California Eastern Labs
2SC5509 CEL-2SC5509 Datasheet
1Mb / 10P
NPN SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC5509-A RENESAS-2SC5509-A Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
2SC5509-T2 RENESAS-2SC5509-T2 Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
2SC5509-T2-A RENESAS-2SC5509-T2-A Datasheet
231Kb / 10P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
More results

Similar Description - 2SC5509

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com