Electronic Components Datasheet Search
  English  ▼

X  

TIP142T Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # TIP142T
Description  Darlington TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TIP142T Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  TIP142T Datasheet HTML 1Page - First Silicon Co., Ltd TIP142T Datasheet HTML 2Page - First Silicon Co., Ltd TIP142T Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2015. 10. 14
1/3
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
TIP142T
TIP142T Darlington TRANSISTOR (NPN)
DIM
MILLIMETERS
TO-220
A
B
C
D
E
F
H
J
N
O
0 8 ± 0 1
2 7 ± 0 2
2 54 ± 0 2
13 6 ± 0 2
3 8 ± 0 2
10 15 ± 0 15
4 5 ± 0 2
2 7 ± 0 2
15 30 MAX
1 3 0 1/-0 15
0 4 ± 0 15
A
F
B
J
E
O
C
H
N
N
D
P
P
1 BASE
2 COLLECTOR
3 EMITTER
1 2 3
Features
Monolithic construction with builtin base-emitter shunt resistors
High DC current gain complement to TIP147T.
Applications
Linear and switching industrial equipment.
Equivalent Circuit
Absolute Maximum Ratings(Ta=25
℃)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
V
e
g
a
t
l
o
V
e
s
a
B
o
t
r
e
t
t
i
m
E
EBO
5
V
I
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
10
A
Peak Collector Current
ICP
15
A
I
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
e
s
a
B
B
0.5
A
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
C(TC=25℃)
80
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃


Similar Part No. - TIP142T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP142T MOSPEC-TIP142T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
logo
STMicroelectronics
TIP142T STMICROELECTRONICS-TIP142T Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Fairchild Semiconductor
TIP142T FAIRCHILD-TIP142T Datasheet
52Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
TRANSYS Electronics Lim...
TIP142T TEL-TIP142T Datasheet
161Kb / 2P
SILICON PLANAR POWER DARLINGTON TRANSISTORS
logo
Inchange Semiconductor ...
TIP142T ISC-TIP142T Datasheet
111Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - TIP142T

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
NPN Darlington Transistor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com