Electronic Components Datasheet Search
  English  ▼

X  

COM20019I Datasheet(PDF) 32 Page - SMSC Corporation

Part # COM20019I
Description  Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I Datasheet(HTML) 32 Page - SMSC Corporation

Back Button COM20019I Datasheet HTML 28Page - SMSC Corporation COM20019I Datasheet HTML 29Page - SMSC Corporation COM20019I Datasheet HTML 30Page - SMSC Corporation COM20019I Datasheet HTML 31Page - SMSC Corporation COM20019I Datasheet HTML 32Page - SMSC Corporation COM20019I Datasheet HTML 33Page - SMSC Corporation COM20019I Datasheet HTML 34Page - SMSC Corporation COM20019I Datasheet HTML 35Page - SMSC Corporation COM20019I Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
Rev. 04-15-05
Page 32
SMSC COM20019I
DATASHEET
BIT
BIT NAME
SYMBOL
DESCRIPTION
4,3
Extended
Timeout 1,2
ET1, ET2
These bits allow the network to operate over longer
distances than the default maximum 32 miles by controlling
the Response, Idle, and Reconfiguration Times. All nodes
should be configured with the same timeout values for
proper network operation. For the COM20019I with a 20
MHz crystal oscillator, the bit combinations follow:
ET2
0
0
1
1
ET1
0
1
0
1
Response
Time (mS)
9.548
4.774
2.387
0.597
Idle Time
(mS)
10.496
5.248
2.624
0.656
Reconfig
Time (S)
13.44
13.44
13.44
6.72
Note: These values are for 312.5 Kbps and
RCNTMR[1,0]=00. Reconfiguration time is changed by the
RCNTMR1 and RCNTMR0 bits.
2
Backplane
BACK-
PLANE
A logic "1" on this bit puts the device into Backplane Mode
signaling which is used for Open Drain and Differential
Driver interfaces. This bit must be set to ‘1’ at the
COM20019I.
1,0
Sub Address 1,0
SUBAD
1,0
These bits determine which register at address 07 may be
accessed. The combinations are as follows:
SUBAD1
SUBAD0
Register
0
0
Tentative I
0
1
Node ID
1
0
Setup 1
1
1
Next ID
See also the Sub Address Register.
Table 6.10 - Setup 1 Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Pulse1 Mode
P1MODE
This bit determines the type of PULSE1 output driver used
in Backplane Mode. When high, a push/pull output is
used. When low, an open drain output is used. The
default is open drain.
6
Four NACKS
FOUR
NACKS
This bit, when set, will cause the EXNACK bit in the
Diagnostic Status Register to set after four NACKs to Free
Buffer Enquiry are detected by the COM20019I. This bit,
when reset, will set the EXNACK bit after 128 NACKs to
Free Buffer Enquiry. The default is 128.
5
Reserved
Do not set.
4
Receive All
RCVALL
This bit, when set, allows the COM20019I to receive all
valid data packets on the network, regardless of their
destination ID. This mode can be used to implement a
network monitor with the transmitter on- or off-line. Note
that ACKs are only sent for packets received with a
destination ID equal to the COM20019I's programmed
node ID. This feature can be used to put the COM20019I
in a 'listen-only' mode, where the transmitter is disabled
and the COM20019I is not passing tokens. Defaults low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com