Electronic Components Datasheet Search
  English  ▼

X  

ABSP10 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABSP10
Description  1.0 x 0.5mm SMD SURGE PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABSP10 Datasheet(HTML) 3 Page - Abracon Corporation

  ABSP10 Datasheet HTML 1Page - Abracon Corporation ABSP10 Datasheet HTML 2Page - Abracon Corporation ABSP10 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
||||||| ||||||| |
ULTRA MINIATURE CERAMIC SMD CRYSTAL
Pb RoHS
Compliant
Dimensions: mm
TAPE & REEL:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.15.10
Visit www.abracon.com for Terms & Conditions of Sale
OUTLINE DRAWING:
REFLOW PROFILE:
ABSP10
1.0 x 0.5 x 0.4mm
1.0 x 0.5mm SMD SURGE PROTECTOR
Recommended Land Pattern
T= tape and reel (10,000 pcs per reel)
A
B
W
F
E
0.70±0.05
1.20±0.05
8.00±0.20
3.50±0.05
1.75±0.10
P0
P1
P2
D0
K
T
4.00±0.10
2.00±0.10
2.00±0.05
1.50+0.1/-0
0.43±0.05
0.60±0.05
Dimensions: mm
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For
applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for
more information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com