Electronic Components Datasheet Search
  English  ▼

X  

ABSP10 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABSP10
Description  1.0 x 0.5mm SMD SURGE PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABSP10 Datasheet(HTML) 1 Page - Abracon Corporation

  ABSP10 Datasheet HTML 1Page - Abracon Corporation ABSP10 Datasheet HTML 2Page - Abracon Corporation ABSP10 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
||||||| ||||||| |
ABSP10
APPLICATIONS:
• High speed data ports
• USB 2.0
• IEEE 1394
FEATURES:
• Outstanding ESD protection
• Very low leakage current
• Bi-directional
• Extremely low capacitance for high speed
data transmission applications
1.0 x 0.5 x 0.4mm
Pb RoHS
Compliant
1.0 x 0.5mm SMD SURGE PROTECTOR
STANDARD SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.15.10
Visit www.abracon.com for Terms & Conditions of Sale
ELECTRICAL PERFORMANCE:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ABRACON P/N:
ABSP10
Operating Temperature:
-55 ºC to +125 °C
Storage Temperature:
-40 ºC to +85 °C
Capacitance
Leakage
Current
Peak
Voltage
Clamping
Voltage
Rated
Voltage
0.15pF typ.
0.25pF max.
1μA max.
500V typ.
30V typ.
100V max.
D.C. 12V
• HDMI
• DVI
• High speed ethernet
Capacitance:
The capacitance value shall be measured under the conditions specified below:
Frequency:
1MHz±10%,
Voltage:
1Vrms±0.2Vrms,
Temperature: 25°C±2°C
Leakage Current:
The leakage current value shall be measured under the conditions specified below:
Voltage:
6Vdc,
Temperature: 25°C±2°C
Peak Voltage:
The peak voltage value shall be measured under the following conditions:
ESD test conditions: IEC61000-4-2, 8kV contact discharge.
Clamping Voltage:
The clamping voltage value shall be measured at 30ns after initiation of pulse and
measured under the conditions specified below:
ESD test conditions: IEC61000-4-2, 8kV contact discharge.


Similar Part No. - ABSP10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABSP25 ABRACON-ABSP25 Datasheet
1Mb / 3P
2.5 x 1.0mm SMD SURGE PROTECTOR ARRAY
03.23.10
More results

Similar Description - ABSP10

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHS1005 KINGBRIGHT-APHS1005 Datasheet
93Kb / 4P
1.0 x 0.5mm SMD CHIP LED LAMP
logo
Okaya Electric America,...
R-781BWZ-4 OKAYA-R-781BWZ-4 Datasheet
414Kb / 2P
SURGE PROTECTOR
R-411PVF OKAYA-R-411PVF Datasheet
213Kb / 1P
SURGE PROTECTOR
logo
Bourns Electronic Solut...
1830T1 BOURNS-1830T1 Datasheet
395Kb / 1P
Surge Protector
logo
Abracon Corporation
ABSP25 ABRACON-ABSP25 Datasheet
1Mb / 3P
2.5 x 1.0mm SMD SURGE PROTECTOR ARRAY
03.23.10
logo
Fox Electronics
K121 FOX-K121 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.5mm Tuning Fork ??2 pad
logo
Transko Electronics, In...
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
logo
Guangdong Youtai Semico...
RCLAMP3321P UMW-RCLAMP3321P Datasheet
820Kb / 4P
Ultra-small package (1.0 x 0.6 x 0.5mm)
UCLAMP1201P UMW-UCLAMP1201P Datasheet
284Kb / 4P
Ultra-small package (1.0 x 0.6 x 0.5mm)
logo
DONG IL TECHNOLOGY LTD.
SP-1000 DIT-SP-1000 Datasheet
5Mb / 2P
Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com