Electronic Components Datasheet Search
  English  ▼

X  

PC29M33AHF Datasheet(PDF) 6 Page - NEC

Part # PC29M33AHF
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC29M33AHF Datasheet(HTML) 6 Page - NEC

Back Button PC29M33AHF Datasheet HTML 2Page - NEC PC29M33AHF Datasheet HTML 3Page - NEC PC29M33AHF Datasheet HTML 4Page - NEC PC29M33AHF Datasheet HTML 5Page - NEC PC29M33AHF Datasheet HTML 6Page - NEC PC29M33AHF Datasheet HTML 7Page - NEC PC29M33AHF Datasheet HTML 8Page - NEC PC29M33AHF Datasheet HTML 9Page - NEC PC29M33AHF Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet G15368EJ1V0DS
6
µµµµPC29M33A,µµµµPC29M05A
µµµµPC29M05A (TJ = 25°°°°C, VIN = 8 V, IO = 350 mA, CIN = 0.22 µµµµF, COUT = 47 µµµµF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.83
5.0
5.18
V
Output Voltage
VO
0
°C ≤ TJ ≤ 125°C, 6 V ≤ VIN ≤ 16 V,
0 A
≤ IO ≤ 350 mA
4.75
5.25
0
°C ≤ TJ ≤ 125°C, 0 A ≤ IO ≤ 0.5 A
Line Regulation
REGIN
6 V
≤ VIN ≤ 16 V
26
50
mV
Load Regulation
REGL
0 A
≤ IO ≤ 0.5 A
17
50
mV
IO = 0 A
1.9
4.0
mA
Quiescent Current
IBIAS
IO = 0.5 A
15
20
VIN = 4.5 V, IO = 0 A
10
20
mA
Startup Quiescent Current
IBIAS (s)
VIN = 4.5 V, IO = 0.5 A
50
Quiescent Current Change
∆IBIAS
0
°C ≤ TJ ≤ 125°C, 6 V ≤ VIN ≤ 16 V
2.4
15
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
87
µ Vr.m.s.
Ripple Rejection
R•R
6 V
≤ VIN ≤ 16 V, f = 120 Hz
46
60
dB
Dropout Voltage
VDIF
0
°C ≤ TJ ≤ 125°C, IO = 0.5 A
0.5
1.0
V
VIN = 6.5 V
0.65
1.1
1.5
Short Circuit Current
IOpeak
VIN = 16 V
0.6
A
VIN = 6.5 V
0.7
1.2
1.5
A
Peak Output Current
IOpeak
VIN = 16 V
0.6
1.1
1.5
Temperature Coefficient of
Output Voltage
∆VO /∆T0°C ≤ TJ ≤ 125°C, IO = 5 mA
0.7
mV/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com