Electronic Components Datasheet Search
  English  ▼

X  

PC29M33AHF Datasheet(PDF) 7 Page - NEC

Part # PC29M33AHF
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC29M33AHF Datasheet(HTML) 7 Page - NEC

Back Button PC29M33AHF Datasheet HTML 3Page - NEC PC29M33AHF Datasheet HTML 4Page - NEC PC29M33AHF Datasheet HTML 5Page - NEC PC29M33AHF Datasheet HTML 6Page - NEC PC29M33AHF Datasheet HTML 7Page - NEC PC29M33AHF Datasheet HTML 8Page - NEC PC29M33AHF Datasheet HTML 9Page - NEC PC29M33AHF Datasheet HTML 10Page - NEC PC29M33AHF Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet G15368EJ1V0DS
7
µµµµPC29M33A,µµµµPC29M05A
TYPICAL CHARACTERISTICS (Reference Values)
25
50
75
100
125
150
5
10
15
20
0
0
Pd vs. TA
TA - Operating Ambient Temperature - ˚C
Without
heatsink
Solid line:
µ
µµ
µ
PC29M33AHF, PC29M05AHF
Broken line:
PC29M33AHB , PC29M05AHB
PC29M33AT , PC29M05AT
µµ
With infinite heatsink
150
100
50
0
0
100
150
50
∆VO vs TJ
TJ - Operating Junction Temperature - ˚C
PC29M05A
µ
PC29M33A
µ
IO = 5 mA
–200
–50
–150
–100
–50
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
012345678
TJ = 25˚C
I O = 5 mA
I O = 0.35 A
I O = 0.5 A
VO vs. VIN ( PC29M33A)
VIN - Input Voltage - V
µ
8
7
6
5
4
3
2
1
0
012345678
I O = 0.5 A
I O = 0.35 A
I O = 5 mA
TJ = 25˚C
VO vs. VIN ( PC29M05A)
VIN - Input Voltage - V
µ
50
40
30
20
10
0
4
0
2
6
8
101214161820
TJ = 25˚C
I O = 0.5 A
O
I = 0.35 A
I O = 0 A
IBIAS (IBIAS(s)) vs. VIN ( PC29M33A)
VIN - Input Voltage - V
µ
50
40
30
20
10
0
0
246810
12
14
16
18
20
T = 25˚C
I O = 0.5 A
= 0.35 A
O
I O
= 0 A
IBIAS (IBIAS(s)) vs. VIN ( PC29M05A)
VIN - Input Voltage - V
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com