Electronic Components Datasheet Search
  English  ▼

X  

LM3121 Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM3121
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM3121 Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM3121 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TOPWAY
LCD Module User Manual
LM3121
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM3121-Manual-Rev0.2
Page: 7 of 9
4. Function Specifications
4.1
Basic Setting
To drive the LCD module correctly and provide normally display, please use the following setting
Select duty = 1/32
Static drive ON/OFF = OFF (Normal Driving)
ADC = 0
Display Start Line = 0
DISPLAY ON/OFF = ON
Read-Modify-Write = OFF
4.2
Resetting the LCD module
The LCD module should be initialized by the hardware reset during power on sequence.
Keep /RES terminal at high level, during the power on.
After the power supply is stable, a hardware reset signal should apply to the /RES terminal.
The LCD module will be initialized at the rising and falling edge of the RES signal.
For normal running, /RES signal must be keep at high level
After the Hardware Reset, the LCD module controllers status will be:
(note: this is not the basic setting for normal display)
-
Display ON/OFF = OFF
-
Display start line register = 0
-
Static drive ON/OFF = OFF (Normal Driving)
-
Column address counter = 0
-
Page address register = Page 3
-
Select duty = 1/32
-
ADC = 1
-
Read-Modify-Write = OFF
Caution:
Never keep /RES signal at Low level for more than 1ms, otherwise unexpected high current drawn will occur due to
the internal data collision. It may permanently damage the LCD module.
4.3
Adjusting the LCD Display Contrast
A Variable-Resistor must be connected to the LCD
module for providing a reference to V0. Adjusting the VR
will result the change of LCD display contrast.
The recommended value of VR is 25k to 50k
LCD module
VDD
V0
VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com