Electronic Components Datasheet Search
  English  ▼

X  

LM3121 Datasheet(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM3121
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM3121 Datasheet(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM3121 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM3121 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TOPWAY
LCD Module User Manual
LM3121
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM3121-Manual-Rev0.2
Page: 8 of 9
4.4
Display Data RAM Memory Map
Page Address
data
LCD Display (front view)
0
D0
:
D7
1
D0
:
D7
2
D0
:
D7
3
D0
:
D7
Column Address
00h
3Ch
00h
4Fh
00h
3Ch
Driver (accessed by)
E1
E2
E3
Note:
*1. Display Start Line = 0
*2. ADC = 0
*3. The Display Data for the left section could be accessed by E1.
The Display Data for the middle section could be accessed by E2.
The Display Data for the right section could be accessed by E3.
4.5
Display Command
Code
Instructions
Function
Note
Display ON/OFF
0
0
1
0
1
0
1
1
1 0/1
0 = OFF
1 = ON
(Display Data RAM is not affected)
*1
Set
Display Start Line
0
0
1
1
0
Display Start Line
(0 ~31)
Specifies RAM line corresponding
to the top line of display
*1
Set
Page Address
0
0
1
0
1
1
1
0
Page
(0 ~ 3)
Set Page Address Register
*1
Set
Column Address
0
0
0
Column Address
(0 ~ 79)
Set Column Address Counter
*1
Read Status
1
0
0
0
0
0
Busy=1, Busy
Busy=0, Ready
ADC=1, CW output
ADC=0, CCW output
ON/OFF=1, Display off
ON/OFF=0, Display on
Reset=1, Being reset
Reset=0, Normal
*3
Write
Display Data
0
1
Display Data
Write Display Data to display data RAM
*1
Read
Display Data
1
1
Display Data
Read Display Data from display data RAM
*3
Select ADC
0
0
1
0
1
0
0
0
0 0/1 0 = CW output
1 = CCW output
*1
Static Drive
ON/OFF
0
0
1
0
1
0
0
1
0 0/1 0 = normal drive
1 = static drive
*1
Select duty
0
0
1
0
1
0
1
0
0 0/1 0 = 1/16 duty
1 = 1/32 duty
*1
Read-Modify-Write
0
0
1
1
1
0
0
0
0
0
Read-modify-write = ON
*1
End
0
0
1
1
1
0
1
1
1
0
Read-modify-write = OFF
*1
Reset
0
0
1
1
1
0
0
0
1
0
Software Reset
*1
Note:
*1. For the details of the Display Command, please refer to AX6120 datasheet.
*2. Instruction could be write into both drivers at the same time.
*3. Only read display data or status form one of the driver/controller in the LCD module at a time,
otherwise unexpected data collision will occur.
202x32 pixels



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com