Electronic Components Datasheet Search
  English  ▼

X  

UPC3018 Datasheet(PDF) 3 Page - NEC

Part # UPC3018
Description  LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3018 Datasheet(HTML) 3 Page - NEC

  UPC3018 Datasheet HTML 1Page - NEC UPC3018 Datasheet HTML 2Page - NEC UPC3018 Datasheet HTML 3Page - NEC UPC3018 Datasheet HTML 4Page - NEC UPC3018 Datasheet HTML 5Page - NEC UPC3018 Datasheet HTML 6Page - NEC UPC3018 Datasheet HTML 7Page - NEC UPC3018 Datasheet HTML 8Page - NEC UPC3018 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet G15506EJ2V0DS
3
µµµµPC3018, 3025
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
–0.3 to +20
V
ON/OFF pin voltage
VON/OFF
–0.3 to VIN +0.3 V (however, VON/OFF
≤ 20)
Internal Power Dissipation (TC = 25
°C)
PT
10
Note
W
Operating Ambient Temperature
TA
–30 to +85
°C
Operating Junction Temperature
TJ
–30 to +150
°C
Storage Temperature
Tstg
–55 to +150
°C
Thermal Resistance (junction to case)
Rth(J-C)
12.5
°C/W
Thermal Resistance (junction to ambient)
Rth(J-A)
125
°C/W
Note The total dissipation is limited by an internal circuit. Where TJ > 150°C, an internal protection circuit cuts off the
output.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
INPUT
CIN
PC3018, PC3025
OUTPUT
COUT
D1
D2
+
ON/OFF
CIN:
Must be 0.1
µF or more. Determine the capacitance in accordance with the line between the power supply
smoothing circuit and input pin.
Be sure to connect this capacitor to prevent abnormal oscillation. Use of a
capacitor with excellent voltage and temperature characteristics, such as a film capacitor, is recommended. Note
that some laminated ceramic capacitors have poor temperature and voltage characteristics. When using a
laminated ceramic capacitor, the capacitance of 0.1
µF or more must be reserved in the voltage and temperature
ranges used.
COUT: Must be 10
µF or more. Be sure to connect this capacitor to prevent oscillation and to improve transient load
stability.
Connect CIN and COUT as close to the IC pins as possible (within 1 to 2 cm). Also, when using the device at 0
°C or
less, use an electrolytic capacitor with low impedance characteristics.
D1:
Connect a diode if the voltage on the OUTPUT pin is higher than that on the INPUT pin.
D2:
Connect a Schottky barrier diode if the voltage on the OUTPUT pin is lower than that on the GND pin.
Caution
Ensure that voltage is not applied to the OUTPUT pin externally.
Supply VIN and VON/OFF from different power supplies.
Design so that VIN and VON/OFF either rise at the same time or VON/OFF rises after VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com