Electronic Components Datasheet Search
  English  ▼

X  

UPC3018 Datasheet(PDF) 8 Page - NEC

Part # UPC3018
Description  LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3018 Datasheet(HTML) 8 Page - NEC

Back Button UPC3018 Datasheet HTML 4Page - NEC UPC3018 Datasheet HTML 5Page - NEC UPC3018 Datasheet HTML 6Page - NEC UPC3018 Datasheet HTML 7Page - NEC UPC3018 Datasheet HTML 8Page - NEC UPC3018 Datasheet HTML 9Page - NEC UPC3018 Datasheet HTML 10Page - NEC UPC3018 Datasheet HTML 11Page - NEC UPC3018 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet G15506EJ2V0DS
8
µµµµPC3018, 3025
2.0
1.5
1.0
0.5
0
5
101520
VIN = 20 V
IO = 0.5 A
0
VO vs. VON/OFF ( PC3018)
µ
TJ = 25˚C
VON/OFF - ON/OFF pin Voltage - V
3.0
2.5
2.0
1.5
1.0
0.5
0
5
101520
VIN = 20 V
IO = 0.5 A
0
VO vs. VON/OFF ( PC3025)
µ
TJ = 25˚C
VON/OFF - ON/OFF pin Voltage - V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com