Electronic Components Datasheet Search
  English  ▼

X  

UPC2933AT Datasheet(PDF) 3 Page - NEC

Part # UPC2933AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2933AT Datasheet(HTML) 3 Page - NEC

  UPC2933AT Datasheet HTML 1Page - NEC UPC2933AT Datasheet HTML 2Page - NEC UPC2933AT Datasheet HTML 3Page - NEC UPC2933AT Datasheet HTML 4Page - NEC UPC2933AT Datasheet HTML 5Page - NEC UPC2933AT Datasheet HTML 6Page - NEC UPC2933AT Datasheet HTML 7Page - NEC UPC2933AT Datasheet HTML 8Page - NEC UPC2933AT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet G15374EJ2V0DS
3
µµµµPC2933A, 2905A
ORDERING INFORMATION
Part Number
Package
Output Voltage
Marking
Package Type
µ PC2933AHF
MP-45G
(Isolated TO-220)
3.3 V
2933A
• Packed in envelope
µ PC2933AHB
MP-3 (SC-64)
3.3 V
2933A
• Packed in envelope
µ PC2933AT
MP-3Z (SC-63)
3.3 V
2933A
• Packed in envelope
µ PC2933AT-E1
MP-3Z (SC-63)
3.3 V
2933A
• 16 mm wide embossed taping
• Pin 1 on drawout side
• 2000 pcs/reel
µ PC2933AT -E2
MP-3Z (SC-63)
3.3 V
2933A
• 16 mm width embossed taping
• Pin 1 at takeup side
• 2000 pcs/reel
µ PC2933AT -T1
MP-3Z (SC-63)
3.3 V
2933A
• 32 mm wide adhesive taping
• Pin 1 at drawout side
• 1500 pcs/reel
µ PC2933AT -T2
MP-3Z (SC-63)
3.3 V
2933A
• 32 mm wide adhesive taping
• Pin 1 at takeup side
• 1500 pcs/reel
µ PC2905AHF
MP-45G
(Isolated TO-220)
5.0 V
2905A
• Packed in envelope
µ PC2905AHB
MP-3 (SC-64)
5.0 V
2905A
• Packed in envelope
µ PC2905AT
MP-3Z (SC-63)
5.0 V
2905A
• Packed in envelope
µ PC2905AT-E1
MP-3Z (SC-63)
5.0 V
2905A
• 16 mm wide embossed taping
• Pin 1 at drawout side
• 2000 pcs/reel
µ PC2905AT-E2
MP-3Z (SC-63)
5.0 V
2905A
• 16 mm wide embossed taping
• Pin 1 at takeup side
• 2000 pcs/reel
µ PC2905AT-T1
MP-3Z (SC-63)
5.0 V
2905A
• 32 mm wide adhesive taping
• Pin 1 at drawout side
• 1500 pcs/reel
µ PC2905AT-T2
MP-3Z (SC-63)
5.0 V
2905A
• 32 mm wide adhesive taping
• Pin 1 at takeup side
• 1500 pcs/reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com