Electronic Components Datasheet Search
  English  ▼

X  

UPC2933AT Datasheet(PDF) 1 Page - NEC

Part # UPC2933AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2933AT Datasheet(HTML) 1 Page - NEC

  UPC2933AT Datasheet HTML 1Page - NEC UPC2933AT Datasheet HTML 2Page - NEC UPC2933AT Datasheet HTML 3Page - NEC UPC2933AT Datasheet HTML 4Page - NEC UPC2933AT Datasheet HTML 5Page - NEC UPC2933AT Datasheet HTML 6Page - NEC UPC2933AT Datasheet HTML 7Page - NEC UPC2933AT Datasheet HTML 8Page - NEC UPC2933AT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
2001
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC2933A, 2905A
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
DATA SHEET
Document No. G15374EJ2V0DS00 (2nd edition)
Date Published September 2001 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The
µPC2933A, 2905A of low dropout voltage three terminal positive regulators is constructed with PNP output
transistor. The
µPC2933A, 2905A feature the ability to source 1 A of output current with a low dropout voltage of typically
0.7 V.
The power dissipation of the
µPC2933A, 2905A can be drastically reduced compared with the conventional three
terminal positive voltage regulators that is constructed with NPN output transistor. Also, this series corresponds to the low
voltage output (3 V, 3.3 V) which is not in the conventional low dropout regulators (
µPC2400A series).
FEATURES
• Output current in excess of 1.0 A
• Low dropout voltage VDIF = 0.7 V TYP. (at IO = 1 A)
• On-chip overcurrent and thermal protection circuit
•••• On-chip output transistor safe area protection circuit
PIN CONFIGURATION (Marking Side)
12
3
1: INPUT
2: GND
3: OUTPUT
PC2933AHF, 2905AHF : MP-45G
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
PC2933AHB, 2905AHB : MP-3
PC2933AT, 2905AT : MP-3Z
12
3
4
The mark 5 shows major revised points.


Similar Part No. - UPC2933AT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2933AT RENESAS-UPC2933AT Datasheet
353Kb / 14P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Mar 16, 2011
More results

Similar Description - UPC2933AT

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC2918 NEC-UPC2918 Datasheet
420Kb / 12P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com