Electronic Components Datasheet Search
  English  ▼

X  

UPC3533 Datasheet(PDF) 2 Page - NEC

Part # UPC3533
Description  THREE-THERMAL POSITIVE OUTPUT VOLTAGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3533 Datasheet(HTML) 2 Page - NEC

  UPC3533 Datasheet HTML 1Page - NEC UPC3533 Datasheet HTML 2Page - NEC UPC3533 Datasheet HTML 3Page - NEC UPC3533 Datasheet HTML 4Page - NEC UPC3533 Datasheet HTML 5Page - NEC UPC3533 Datasheet HTML 6Page - NEC UPC3533 Datasheet HTML 7Page - NEC UPC3533 Datasheet HTML 8Page - NEC UPC3533 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Data Sheet G15965EJ2V0DS
2
µµµµPC3533, 3504
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
−0.3 to +25
V
Internal Power Dissipation (TC = 25
°C)
PT
15
Note
W
Operating Ambient Temperature
TA
−40 to +85
°C
Operating Junction Temperature
TJ
−40 to +150
°C
Storage Temperature
Tstg
−55 to +150
°C
Thermal Resistance (junction to case)
Rth(J-C)
7°C/W
Thermal Resistance (junction to ambient)
Rth(J-A)
65
°C/W
Note Internally limited. When the operating junction temperature rises over 150
°C, the internal circuit shuts down the
output voltage.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
+
D2
D1
CIN
COUT
INPUT
OUTPUT
PC3533, 3504
µ
CIN: 0.1 to 0.47
µF or higher. Set this value according to the length of the line between the regulator and INPUT pin. Be
sure to connect CIN to prevent parasitic oscillation. Use of a film capacitor or other capacitor with excellent voltage
and temperature characteristics is recommended. If using a laminated ceramic capacitor, it is necessary to ensure
that CIN is 0.1
µF or higher for the voltage and temperature range to be used.
COUT: 0.1
µF or higher. Be sure to connect COUT to prevent oscillation and improve excessive load regulation. Place CIN
and COUT as close as possible to the IC pins (within 2 cm). Also, use an electrolytic capacitor with low impedance
characteristics if considering use at sub-zero temperatures.
D1: If the OUTPUT pin has a higher voltage than the INPUT pin, connect a diode.
D2: If the OUTPUT pin has a lower voltage than the GND pin, connect a Schottky barrier diode.
Caution Make sure that no voltage is applied to the OUTPUT pin from external.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com