Electronic Components Datasheet Search
  English  ▼

X  

UPC3533 Datasheet(PDF) 9 Page - NEC

Part # UPC3533
Description  THREE-THERMAL POSITIVE OUTPUT VOLTAGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3533 Datasheet(HTML) 9 Page - NEC

Back Button UPC3533 Datasheet HTML 2Page - NEC UPC3533 Datasheet HTML 3Page - NEC UPC3533 Datasheet HTML 4Page - NEC UPC3533 Datasheet HTML 5Page - NEC UPC3533 Datasheet HTML 6Page - NEC UPC3533 Datasheet HTML 7Page - NEC UPC3533 Datasheet HTML 8Page - NEC UPC3533 Datasheet HTML 9Page - NEC UPC3533 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet G15965EJ2V0DS
9
µµµµPC3533, 3504
RECOMMENDED MOUNTING CONDITIONS
The following conditions must be met for mounting conditions of the
µPC3533, 3504.
For more details, refer to the Semiconductor Device Mounting Technology Manual (C10535E).
Please consult with our sales offices in case other mounting process is used, or in case the mounting is done under
different conditions.
Type of Through-hole Device
µµµµPC3533HF, 3504HF: MP-45G
Process
Conditions
Wave Soldering
(only to leads)
Solder temperature: 260°C or below,
Flow time: 10 seconds or less
Partial Heating Method
Pin temperature: 300°C or below,
Heat time: 3 seconds or less (Per each pin).
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure that
the package body does not get jet soldered.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com