Electronic Components Datasheet Search
  English  ▼

X  

EMC1812 Datasheet(PDF) 23 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 23 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 19Page - Microchip Technology EMC1812 Datasheet HTML 20Page - Microchip Technology EMC1812 Datasheet HTML 21Page - Microchip Technology EMC1812 Datasheet HTML 22Page - Microchip Technology EMC1812 Datasheet HTML 23Page - Microchip Technology EMC1812 Datasheet HTML 24Page - Microchip Technology EMC1812 Datasheet HTML 25Page - Microchip Technology EMC1812 Datasheet HTML 26Page - Microchip Technology EMC1812 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
default for EMC1813. This is the default for EMC1814 for External Diode 1 only and it is disabled and
cannot be enabled for External Diode 2 or 3. If the auto-detection circuitry is disabled, these bits will
determine the beta configuration setting that is used for their respective channels.
It is recommended to be cautious when setting the BETA(N)<2:0> bits when the auto-detection circuitry
is disabled. If the beta compensation factor is set at a beta value that is higher than the transistor beta,
the circuit may generate measurement errors. When measuring a discrete thermal diode (such as
2N3904) or a CPU diode that functions like a discrete thermal diode (such as an CPU/GPU processor
diode), the BETA(N)<2:0> bits should be set to 111b.
Table 5-6. CPU Beta Values
DI_BETA<3:0>
Minimum Beta
3
2
1
0
0
0
0
0
0.050
0
0
0
1
0.066
0
0
1
0
0.087
0
0
1
1
0.114
0
1
0
0
0.150
0
1
0
1
0.197
0
1
1
0
0.260
0
1
1
1
0.342
1
0
0
0
0.449
1
0
0
1
0.591
1
0
1
0
0.778
1
0
1
1
1.024
1
1
0
0
1.348
1
1
0
1
1.773
1
1
1
0
2.333
1
1
1
1
Diode Mode
5.14
Resistance Error Correction (REC)
Parasitic resistance, in series with the external diodes, limits the accuracy obtainable from temperature
measurement devices. The voltage developed across this resistance by the switching diode currents
causes the temperature measurement to read higher than the true temperature. Contributors to series
resistance are PCB trace resistance, on die (i.e., on the processor) metal resistance, bulk resistance in
the base and emitter of the temperature transistor. Typically, the error caused by series resistance is
+0.7°C/Ω. The EMC1812/13/14/15/33 devices automatically correct up to 100 Ω of series resistance.
Multi-Channel Low-Voltage Remote Di...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com